Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 23 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 21Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 22Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 23Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 24Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 25Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 26Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
CC2420
SWRS041B
Page 23 of 89
Item
Single
ended
output,
transmission line balun
Single
ended
output,
discrete balun
Differential antenna
C42
10 µF, 0.5
Ω < ESR < 5Ω
10 µF, 0.5
Ω < ESR < 5Ω
10 µF, 0.5
Ω < ESR < 5Ω
C61
Not used
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C62
Not used
5.6 pF, +/- 0.25pF, NP0, 0402
Not used
C71
Not used
5.6 pF, 10%, X5R, 0402
Not used
C81
5.6 pF, +/- 0.25pF, NP0, 0402
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C381
27 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
C391
27 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
L61
8.2 nH, 5%,
Monolithic/multilayer, 0402
7.5 nH, 5%,
Monolithic/multilayer, 0402
27 nH, 5%, Monolithic/multilayer,
0402
L62
Not used
5.6 nH, 5%,
Monolithic/multilayer, 0402
Not used
L71
22 nH, 5%,
Monolithic/multilayer, 0402
Not used
12 nH, 5%, Monolithic/multilayer,
0402
L81
1.8 nH, +/- 0.3nH,
Monolithic/multilayer, 0402
7.5 nH, 5%,
Monolithic/multilayer, 0402
Not used
R451
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
XTAL
16 MHz crystal, 16 pF load
(CL),
ESR < 60
Ω
16 MHz crystal, 16 pF load
(CL),
ESR < 60
Ω
16 MHz crystal, 16 pF load (CL),
ESR < 60
Ω
Table 2. Bill of materials for the application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com