Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 50Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 52Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 53Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 54Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 55Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 56Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
CC2420
SWRS041B
Page 53 of 89
The battery monitor is controlled through
the BATTMON control register. The battery
monitor is enabled and disabled using the
BATTMON.BATTMON_EN
control bit. The
voltage regulator must also be enabled
when using the battery monitor.
The battery monitor status bit is available
in the BATTMON.BATTMON_OK status bit.
This bit is high when the VREG_IN input
voltage is higher than the toggle voltage
Vtoggle.
The battery monitor toggle voltage is set in
the 5-bit BATTMON.BATTMON_VOLTAGE
control bits. BATTMON_VOLTAGE is an
unsigned, positive number from 0 to 31.
The toggle voltage is given by:
27
72
V
25
.
1
V
toggle
LTAGE
BATTMON_VO
=
Alternatively, for a desired toggle voltage,
BATTMON_VOLTAGE
should
be
set
according to:
V
25
.
1
27
72
V
toggle
=
LTAGE
BATTMON_VO
The voltage regulator must be enabled for
at
least
100
µs
before
the
first
measurement. After being enabled, the
BATTMON_OK
status bit needs 2 µs to
settle for each new toggle voltage
programmed.
The main performance characteristics of
the battery monitor is shown in the
Electrical Specifications section on page
9.
31 Crystal Oscillator
An external clock signal or the internal
crystal oscillator can be used as main
frequency
reference.
The
reference
frequency must be 16 MHz. Because the
crystal frequency is used as reference for
the data rate as well as other internal
signal
processing
functions,
other
frequencies cannot be used.
If an external clock signal is used this
should be connected to XOSC16_Q1, while
XOSC16_Q2
should be left open. The
MAIN.XOSC16M_BYPASS
bit must be set
when an external clock signal is used.
Using the internal crystal oscillator, the
crystal must be connected between the
XOSC16_Q1
and XOSC16_Q2 pins. The
oscillator is designed for parallel mode
operation of the crystal. In addition,
loading capacitors (C381 and C391) for the
crystal are required. The loading capacitor
values
depend
on
the
total
load
capacitance, CL, specified for the crystal.
The total load capacitance seen between
the crystal terminals should equal CL for
the crystal to oscillate at the specified
frequency.
parasitic
L
C
C
C
C
+
+
=
391
381
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance.
The
total
parasitic
capacitance is typically 2 pF - 5 pF.
The crystal oscillator circuit is shown in
Figure 30. Typical component values for
different values of CL are given in Table
10.
The
crystal
oscillator
is
amplitude
regulated. This means that a high current
is used to start up the oscillations. When
the amplitude builds up, the current is
reduced to what is necessary to maintain
a stable oscillation. This ensures a fast
start-up and keeps the drive level to a
minimum. The ESR of the crystal must be
within the specification in order to ensure
a reliable start-up (see the Electrical
Specifications section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com