Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
CC2420
SWRS041B
Page 13 of 89
6.8
Voltage Regulator
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
General
Note that the internal voltage
regulator
can
only
supply
CC2420 and no external circuitry.
Input Voltage
2.1
3.0
3.6
V
On the VREG_IN pin
Output Voltage
1.7
1.8
1.9
V
On the VREG_OUT pin
Quiescent current
13
20
29
µA
No current drawn from the
VREG_OUT
pin. Min and max
numbers include 2.1 through 3.6
V input voltage
Start-up time
0.3
0.6
ms
6.9
Battery Monitor
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Current consumption
6
30
90
µA
When enabled
Start-up time
100
µs
Voltage regulator already enabled
Settling time
2
µs
New toggle voltage programmed
Step size
50
mV
Hysteresis
10
mV
Absolute accuracy
-80
80
mV
May be software calibrated for
known reference voltage
Relative accuracy
-50
50
mV
6.10
Power Supply
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Current consumption in different
modes (see Figure 25, page 44)
Voltage regulator off (OFF)
Power Down mode (PD)
Idle mode (IDLE)
0.02
20
426
1
µA
µA
µA
Current drawn from VREG_IN,
through voltage regulator
Voltage regulator off
Voltage regulator on
Including crystal oscillator and
voltage regulator
Current Consumption,
receive mode
18.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com