Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC2420Z-RTR1 Datasheet HTML 1Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 2Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 3Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 4Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 5Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
CC2420
SWRS041B
Page 1 of 89
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
Applications
2.4 GHz IEEE 802.15.4 systems
ZigBee systems
Home/building automation
Industrial Control
Wireless sensor networks
PC peripherals
Consumer Electronics
Product Description
The
CC2420 is a true single-chip 2.4 GHz
IEEE 802.15.4 compliant RF transceiver
designed for low power and low voltage
wireless applications.
CC2420 includes a
digital direct sequence spread spectrum
baseband modem providing a spreading
gain of 9 dB and an effective data rate of
250 kbps.
The
CC2420 is a low-cost, highly integrated
solution for robust wireless communication
in the 2.4 GHz unlicensed ISM band. It
complies
with
worldwide
regulations
covered by ETSI EN 300 328 and EN 300
440 class 2 (Europe), FCC CFR47 Part 15
(US) and ARIB STD-T66 (Japan).
The
CC2420 provides extensive hardware
support
for
packet
handling,
data
buffering,
burst
transmissions,
data
encryption,
data
authentication,
clear
channel assessment, link quality indication
and packet timing information. These
features reduce the load on the host
controller and allow
CC2420 to interface
low-cost microcontrollers.
The configuration interface and transmit /
receive FIFOs of
CC2420 are accessed via
an SPI interface. In a typical application
CC2420 will be used together with a
microcontroller and a few external passive
components.
CC2420 is based on Chipcon’s SmartRF®-
03 technology in 0.18
µm CMOS.
Key Features
True
single-chip
2.4
GHz
IEEE
802.15.4 compliant RF transceiver
with baseband modem and MAC
support
DSSS baseband modem with 2
MChips/s and 250 kbps effective data
rate.
Suitable for both RFD and FFD
operation
Low current consumption (RX: 18.8
mA, TX: 17.4 mA)
Low supply voltage (2.1 – 3.6 V) with
integrated voltage regulator
Low supply voltage (1.6 – 2.0 V) with
external voltage regulator
Programmable output power
No external RF switch / filter needed
I/Q low-IF receiver
I/Q direct upconversion transmitter
Very few external components
128(RX) + 128(TX) byte data buffering
Digital RSSI / LQI support
Hardware MAC encryption (AES-128)
Battery monitor
QLP-48 package, 7x7 mm
Complies with ETSI EN 300 328, EN
300 440 class 2, FCC CFR-47 part 15
and ARIB STD-T66
Powerful and flexible development
tools available


Similar Part No. - CC2420Z-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results

Similar Description - CC2420Z-RTR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com