Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 46 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 42Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 43Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 44Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 45Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 46Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 47Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 48Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
CC2420
SWRS041B
Page 46 of 89
flag setting is stored in the most significant
byte of the nonce. The flag byte used for
encryption and authentication is then
generated as shown in Figure 26.
The frame counter part of the nonce must
be incremented for each new packet by
software.
7
6
CTR Flag
bits 7:6
5
4
3
2
1
0
-
CBC Flag
bits 7:6
L
7
6
Res
5
4
3
2
1
0
L
7
6
Adata
5
4
3
2
1
0
M
L
0
0
0
SECCTRL0.SEC_M
MSB in CC2420 nonce RAM
CTR mode flag byte
CBC-MAC flag byte
Res
Res
Figure 26.
CC2420 Security Flag Byte
21.3
Stand-alone encryption
Plain AES encryption, with 128 bit
plaintext and 128 bit keys [2], is available
using
stand-alone
encryption.
The
plaintext is stored in stand-alone buffer
located at RAM location 0x120, as can be
seen from Table 6 on page 31.
A stand-alone encryption operation is
initiated by using the SAES command
strobe.
The
selected
key
(SECCTRL0.SEC_SAKEYSEL) is then used
to encrypt the plaintext written to the
stand-alone buffer. Upon completion of the
encryption operation, the ciphertext is
written back to the stand-alone buffer,
thereby overwriting the plaintext.
Note that RAM write operations also
output data currently in RAM, so that a
new plaintext may be written at the same
time
as
reading
out
the
previous
ciphertext.
21.4
In-line security operations
CC2420 can do MAC security operations
(encryption, decryption and authentication)
on
frames
within
the TXFIFO and
RXFIFO. These operations are called in-
line security operations.
As with other MAC hardware support
within
CC2420, in-line security operation
relies on the length field in the PHY
header. A correct length field must
therefore
be
used
for
all
security
operations.
The key, nonce (does not apply to CBC-
MAC), and SECCTRL0 and SECCTRL1
control registers must be correctly set
before
starting
any
in-line
security
operation.
The in-line security mode is set in
SECCTRL0.SEC_MODE
to one of the
following modes:
•
Disabled
•
CBC-MAC (authentication)
•
CTR (encryption / decryption)
•
CCM (authentication and encryption /
decryption)
When enabled, TX in-line security is
started in one of two ways:
•
Issue a STXENC command strobe. In-
line security will be performed within
the TXFIFO, but a RF transmission
will not be started. Ciphertext may be
read back using RAM read operations.
•
Issue
a
STXON
or
STXONCCA
command strobe. In-line security will
be performed within the TXFIFO and a
RF transmission of the ciphertext is
started.
When enabled, RX in-line security is
started as follows:
•
Issue a SRXDEC command strobe. The
first frame in the RXFIFO is then
decrypted / authenticated as set by
the current security mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com