Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 17Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 21Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
CC2420
SWRS041B
Page 18 of 89
and Q LO signals to the down-conversion
mixers in receive mode and up-conversion
mixers in transmit mode. The VCO
operates in the frequency range 4800 –
4966 MHz, and the frequency is divided by
two when split in I and Q.
A
crystal
must
be
connected
to
XOSC16_Q1
and
XOSC16_Q2
and
provides the reference frequency for the
synthesizer. A digital lock signal is
available from the PLL.
The digital baseband includes support for
frame handling, address recognition, data
buffering and MAC security.
The 4-wire SPI serial interface is used for
configuration and data buffering.
An on-chip voltage regulator delivers the
regulated 1.8 V supply voltage. The
voltage regulator may be enabled /
disabled through a separate pin.
A battery monitor may optionally be used
to monitor the unregulated power supply
voltage.
The
battery
monitor
is
configurable through the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com