Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 61Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 62Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
CC2420
SWRS041B
Page 65 of 89
MDMCTRL1 (0x12)– Modem Control Register 1
Bit
Field Name
Reset
R/W
Description
15:11
-
0
W0
Reserved, write as 0.
10:6
CORR_THR[4:0]
20
R/W
Demodulator correlator threshold value, required before SFD
search. Note that on early CC2420 versions the reset value was
0.
5
DEMOD_AVG_MODE
0
R/W
Frequency offset average filter behaviour.
0 : Lock frequency offset filter after preamble match
1 : Continuously update frequency offset filter.
4
MODULATION_MODE
0
R/W
Set one of two RF modulation modes for RX / TX
0 : IEEE 802.15.4 compliant mode
1 : Reversed phase, non-IEEE compliant (could be used to set
up a system which will not receive 802.15.4 packets)
3:2
TX_MODE[1:0]
0
R/W
Set test modes for TX
0 : Buffered mode, use TXFIFO (normal operation)
1 : Serial mode, use transmit data on serial interface, infinite
transmission. For lab testing only.
2 : TXFIFO looping ignore underflow in TXFIFO and read cyclic,
infinite transmission. For lab testing only.
3 : Send random data from CRC, infinite transmission. For lab
testing only.
1:0
RX_MODE[1:0]
0
R/W
Set test mode of RX
0 : Buffered mode, use RXFIFO (normal operation)
1 : Receive serial mode, output received data on pins. Infinite
RX. For lab testing only.
2 : RXFIFO looping ignore overflow in RXFIFO and write cyclic,
infinite reception. For lab testing only.
3 : Reserved
RSSI (0x13) - RSSI and CCA Status and Control Register
Bit
Field Name
Reset
R/W
Description
15:8
CCA_THR[7:0]
-32
R/W
Clear Channel Assessment threshold value, signed number on
2’s complement for comparison with the RSSI.
The unit is 1 dB, offset is the same as for RSSI_VAL. The CCA
signal goes active when the received signal is below this value.
The CCA signal is available on the CCA pin.
The reset value is approximately -77 dBm.
7:0
RSSI_VAL[7:0]
-128
R
RSSI estimate on a logarithmic scale, signed number on 2’s
complement.
Unit is 1 dB, offset is described in the RSSI / Energy Detection
section on page 48.
The RSSI_VAL value is averaged over 8 symbol periods. The
RSSI_VALID
status bit may be checked to verify that the
receiver has been enabled for at least 8 symbol periods.
The reset value of –128 also indicates that the RSSI_VAL value
is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com