Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 17 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 17Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
CC2420
SWRS041B
Page 17 of 89
8
Circuit Description
LNA
DIGITAL
DEMODULATOR
- Digital RSSI
- Gain Control
- Image Suppression
- Channel Filtering
- Demodulation
- Frame
synchronization
DIGITAL
MODULATOR
- Data spreading
- Modulation
On-chip
BIAS
DIGITAL
INTERFACE
WITH FIFO
BUFFERS,
CRC AND
ENCRYPTION
Σ
AUTOMATIC GAIN CONTROL
TX POWER CONTROL
TX/RX CONTROL
XOSC
16 MHz
R
ADC
ADC
DAC
DAC
0
90
FREQ
SYNTH
SmartRF ®
CC2420
Power
Control
PA
Serial
voltage
regulator
Digital and
Analog test
interface
Figure 2.
CC2420 simplified block diagram
A simplified block diagram of
CC2420 is
shown in Figure 2.
CC2420 features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA) and down-converted
in quadrature (I and Q) to the intermediate
frequency (IF). At IF (2 MHz), the complex
I/Q signal is filtered and amplified, and
then digitized by the ADCs.
Automatic
gain control, final channel filtering, de-
spreading, symbol correlation and byte
synchronisation are performed digitally.
When the SFD pin goes active, this
indicates that a start of frame delimiter has
been
detected.
CC2420 buffers the
received data in a 128 byte receive FIFO.
The user may read the FIFO through an
SPI interface. CRC is verified in hardware.
RSSI and correlation values are appended
to the frame. CCA is available on a pin in
receive mode. Serial (unbuffered) data
modes
are
also
available
for
test
purposes.
The
CC2420 transmitter is based on direct
up-conversion. The data is buffered in a
128 byte transmit FIFO (separate from the
receive FIFO). The preamble and start of
frame
delimiter
are
generated
by
hardware. Each symbol (4 bits) is spread
using
the
IEEE
802.15.4
spreading
sequence to 32 chips and output to the
digital-to-analog converters (DACs).
An analog low pass filter passes the signal
to the quadrature (I and Q) upconversion
mixers. The RF signal is amplified in the
power amplifier (PA) and fed to the
antenna.
The internal T/R switch circuitry makes the
antenna interface and matching easy. The
RF connection is differential. A balun may
be used for single-ended antennas. The
biasing of the PA and LNA is done by
connecting TXRX_SWITCH to RF_P and
RF_N
through an external DC path.
The frequency synthesizer includes a
completely on-chip LC VCO and a 90
degrees phase splitter for generating the I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com