Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 73 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
CC2420
SWRS041B
Page 73 of 89
MANFIDH (0x1F) - Manufacturer ID, Upper 16 Bit
Bit
Field Name
Reset
R/W
Description
15:12
VERSION[3:0]
3
R
Version number. Current version is 3.
Note that previous CC2420 versions will have lower reset values.
11:0
PARTNUM[15:4]
0
R
The device part number. CC2420 has part number 0x002.
FSMTC (0x20) - Finite state machine time constants
Bit
Field Name
Reset
R/W
Description
15:13
TC_RXCHAIN2RX[2:0]
3
R/W
The time in 5 us steps between the time the RX chain is enabled
and the demodulator and AGC is enabled. The RX chain is
started when the bandpass filter has been calibrated (after 6.5
symbol periods).
12:10
TC_SWITCH2TX[2:0]
6
R/W
The time in advance the RXTX switch is set high, before
enabling TX. In
µs.
9:6
TC_PAON2TX[3:0]
10
R/W
The time in advance the PA is powered up before enabling TX.
In
µs.
5:3
TC_TXEND2SWITCH[2:0]
2
R/W
The time after the last chip in the packet is sent, and the TXRX
switch is disabled. In
µs.
2:0
TC_TXEND2PAOFF[2:0]
4
R/W
The time after the last chip in the packet is sent, and the PA is
set in power-down. Also the time at which the modulator is
disabled. In
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com