Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 41Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 42Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 43Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 44Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 45Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
CC2420
SWRS041B
Page 42 of 89
AUTOACK
may be used for non-beacon
systems as long as the frame pending
field (see Figure 19) is cleared. The
acknowledge frame is then transmitted 12
symbol periods after the last symbol of the
incoming frame. This is as specified by [1]
for non-beacon networks.
Frame
Control Field
(FCF)
Data
Sequence
Number
2
1
Frame Check
Sequence
(FCS)
2
MAC Header (MHR)
MAC Footer
(MFR)
Frame
Length
Start of Frame
Delimiter
(SFD)
Bytes:
1
1
Preamble
Sequence
4
Synchronisation Header
(SHR)
PHY Header
(PHR)
Figure 23. Acknowledge frame format [1]
Two
command
strobes,
SACK
and
SACKPEND
are
defined
to
transmit
acknowledge frames with the frame
pending field cleared or set, respectively.
The
acknowledge
frame
is
only
transmitted if the CRC is valid.
For systems using beacons, there is an
additional timing requirement that the
acknowledge frame transmission should
be started on the first backoff-slot
boundary (20 symbol periods) at least 12
symbol periods after the last symbol of the
incoming frame. This timing must be
controlled by the microcontroller by issuing
the SACK and SACKPEND command strobe
12 symbol periods before the following
backoff-slot boundary, as illustrated in
Figure 24.
If a SACK or SACKPEND command strobe
is issued while receiving an incoming
frame,
the
acknowledge
frame
is
transmitted 12 symbol periods after the
last symbol of the incoming frame. This
should be used to transmit acknowledge
frames in non-beacon networks. This
timing is also illustrated in Figure 24.
Using SACKPEND will set the pending data
flag
for
automatically
transmitted
acknowledge frames using AUTOACK. The
pending flag will then be set also for future
acknowledge
frames,
until
a
SACK
command strobe is issued.
Acknowledge frames may be manually
transmitted
using
normal
data
transmission if desired.
PPDU
Acknowledge
Non-beacon
network
t
ack
= 12 symbol periods
PPDU
Acknowledge
Beacon
network
t
ack
< 32 symbol periods
12 symbol periods <=
La
st
PP
DU
sy
m
bo
l
Ba
ck
of
f s
lot
bo
un
da
ry
12
symbol
periods
S
A
C
K
/
S
A
C
K
P
E
N
D
Figure 24. Acknowledge frame timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com