Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 86 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 86 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 82Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 83Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 84Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 85Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 86Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 87Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 88Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 89Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
CC2420
SWRS041B
Page 86 of 89
42 General Information
42.1
Document History
Revision
Date
Description/Changes
SWRS041b
2007-03-19 Slightly changed optimum load impedance on Page 9 and 19 to better describe the
Application circuit.
SWRS041a
2006-12-18 Updated ordering information.
Updated address information.
Typical data latency changed from 2 to 3 us.
Updates reflecting the programmable polarity of FIFO, FIFOP, SFD and CCA pins.
Clarification relating to VREG_EN as digital input.
BATT_OK changed to BATTMON_OK for consistency.
MANFIDH.VERSION
register, reset value changed to ”current version is 3”.
Added reset values for several registers.
Some typographical changes.
Removed Chipcon specific Disclaimer, Trademarks and Life Support Policy sections.
SWRS041
(1.4)
2006-04-06 Ordering part number changed from CC2420-RTB2 and CC2420-RTR2 to CC2420Z-
RTB1 and CC2420Z-RTR1 respectively.
1.3
2005-10-03 Important: New recommended setting for RXBPF_LOCUR in RXCTRL1 (0x17) use 1
instead of reset value 0.
Updated address information.
Added new balun circuit with transmission lines in section Application Circuit.
Updated electrical specifications with measured data on CC2420 EM with new balun.
Updated values and figure for suggested application circuit with folded dipole
antenna.
Corrected values for capacitors in Table 2, discrete balun.
Added data latency figure in receiver specification.
Updated crystal oscillator start up time.
Updated PLL loop filter bandwidth.
Updated adjacent channel rejection figures.
Updated current consumption for RX mode.
Typographical errors corrected in text and figures.
Removed comment about tuning capacitor for crystal oscillator.
Added statement that RAM access shall not be used for FIFO access.
Added more details about RSSI.
Clarified the interpretation of a programmed synchronisation word.
Updated purchasing information.
Updated soldering standard.
Added chapter numbering and split table for electrical specifications for readability.
Gathered and added information related to pin configurations in section 13.
Included TX_UNDERFLOW and RX_UNDERFLOW in state diagram.
Disclaimer updated to include Z-stack
TM information.
Product status changed to “Full Production”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com