Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
CC2420
SWRS041B
Page 12 of 89
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Crystal load capacitance
12
16
20
pF
16 pF recommended
Crystal ESR
60
Crystal oscillator start-up time
1.0
ms
16 pF load
Phase noise
−109
−117
−117
−117
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At ±1 MHz offset from carrier
At ±2 MHz offset from carrier
At ±3 MHz offset from carrier
At ±5 MHz offset from carrier
PLL loop bandwidth
100
kHz
PLL lock time
192
µs
The startup time from the crystal
oscillator is running and RX / TX
turnaround time
6.7
Digital Inputs/Outputs
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
General
Signal levels are referred to the
voltage level at pin DVDD3.3
Logic "0" input voltage
0
0.3*
DVDD
V
Logic "1" input voltage
0.7*
DVDD
DVDD
V
Logic "0" output voltage
0
0.4
V
Output current −8 mA,
3.3 V supply voltage
Logic "1" output voltage
2.5
VDD
V
Output current 8 mA,
3.3 V supply voltage
Logic "0" input current
NA
−1
µA
Input signal equals GND
Logic "1" input current
NA
1
µA
Input signal equals VDD
FIFO
setup time
20
ns
TX unbuffered mode, minimum
time FIFO must be ready before
the positive edge of FIFOP
FIFO
hold time
10
ns
TX unbuffered mode, minimum
time FIFO must be held after the
positive edge of FIFOP
Serial interface pins (SCLK, SI, SO
and CSn) timing specification
See Table 4 on page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com