Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 52Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 53Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 54Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 55Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 56Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 57Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 58Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
CC2420
SWRS041B
Page 55 of 89
A
Unit
dBm
RF Att
30 dB
1AVG
1SA
Ref Lvl
3 dBm
Ref Lvl
3 dBm
Center 2.45 GHz
Span 2 MHz
200 kHz/
RBW
10 kHz
VBW
10 kHz
SWT
50 ms
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-97
3
Date:
23.OCT.2003
21:38:33
Figure 31. Single carrier output
33.2
Modulated spectrum
The
CC2420 has a built-in test pattern
generator that can generate pseudo
random
sequence
using
the
CRC
generator. This is enabled by setting
MDMCTRL1.TX_MODE
to 3 and issues an
STXON
command strobe. The modulated
spectrum is then available on the RF pins.
The low byte of the CRC word is
transmitted and the CRC is updated with
0xFF for each new byte. The length of the
transmitted data sequence is 65535 bits.
The transmitted data-sequence is then:
[Synchronisation header] [0x00, 0x78,
0xb8, 0x4b, 0x99, 0xc3, 0xe9, …]
Since a synchronisation header (preamble
and SFD) is transmitted in all TX modes,
this test mode may also be used to
transmit a known pseudorandom bit
sequence for bit error testing. Please note
that
CC2420
requires
symbol
synchronisation,
not
only
bit
synchronisation, for correct reception.
Packet error rate is therefore a better
measurement
for
the
true
RF
performance.
Another option to generate a modulated
spectrum is to fill the TXFIFO with pseudo-
random
data
and
set
MDMCTRL1.TX_MODE
to 2.
CC2420 will
then
transmit
data
from
the
FIFO
disregarding a TXFIFO underflow. The
length of the transmitted data sequence is
then 1024 bits (128 bytes).
A plot of the modulated spectrum from
CC2420 is shown in Figure 32. Note that to
find the output power from the modulated
spectrum, the RBW must be set to 3 MHz
or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com