Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 3Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 4Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 5Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
CC2420
SWRS041B
Page 7 of 89
3
Features
2400 – 2483.5 MHz RF Transceiver
Direct
Sequence
Spread
Spectrum (DSSS) transceiver
250 kbps data rate, 2 MChip/s
chip rate
O-QPSK with half sine pulse
shaping modulation
Very low current consumption
(RX: 18.8 mA, TX: 17.4 mA)
High sensitivity (-95 dBm)
High adjacent channel rejection
(30/45 dB)
High alternate channel rejection
(53/54 dB)
On-chip VCO, LNA and PA
Low supply voltage (2.1 – 3.6 V)
with on-chip voltage regulator
Programmable output power
I/Q low-IF soft decision receiver
I/Q
direct
up-conversion
transmitter
Separate transmit and receive FIFOs
128 byte transmit data FIFO
128 byte receive data FIFO
Very few external components
Only reference crystal and a
minimised number of passives
No external filters needed
Easy configuration interface
4-wire SPI interface
Serial clock up to 10 MHz
802.15.4 MAC hardware support:
Automatic preamble generator
Synchronisation
word
insertion/detection
CRC-16
computation
and
checking over the MAC payload
Clear Channel Assessment
Energy detection / digital RSSI
Link Quality Indication
Full
automatic
MAC
security
(CTR, CBC-MAC, CCM)
802.15.4 MAC hardware security:
Automated
security
operations
within the receive and transmit
FIFOs.
CTR mode encryption / decryption
CBC-MAC authentication
CCM encryption / decryption and
authentication
Stand-alone AES encryption
Development tools available
Fully equipped development kit
Demonstration board reference
design with microcontroller code
Easy-to-use
software
for
generating the
CC2420 configu-
ration data
Small size QLP-48 package, 7 x 7 mm
Complies with EN 300 328, EN 300
440 class 2, FCC CFR47 part 15 and
ARIB STD-T66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com