Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 71 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
CC2420
SWRS041B
Page 71 of 89
SECCTRL1 (0x1A) - Security Control Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0
14:8
SEC_TXL
0
R/W
Multi-purpose length byte for TX in-line security operations:
CTR : Number of cleartext bytes between length byte and the
first byte to be encrypted
CBC/MAC : Number of cleartext bytes between length byte and
the first byte to be authenticated
CCM : l(a), defining the number of bytes to be authenticated but
not encrypted
Stand-alone : SEC_TXL has no effect
7
-
0
W0
Reserved, write as 0
6:0
SEC_RXL
0
R/W
Multi-purpose length byte for RX in-line security operations:
CTR : Number of cleartext bytes between length byte and the
first byte to be decrypted
CBC/MAC : Number of cleartext bytes between length byte and
the first byte to be authenticated
CCM : l(a), defining the number of bytes to be authenticated but
not decrypted
Stand-alone : SEC_RXL has no effect
BATTMON (0x1B) – Battery Monitor Control register
Bit
Field Name
Reset
R/W
Description
15:7
-
0
W0
Reserved, write as 0
6
BATTMON_OK
1
R
Battery monitor comparator output, read only. BATT_OK is valid
5 us after BATTMON_EN has been asserted and
BATTMON_VOLTAGE has been programmed.
0 : Power supply < Toggle Voltage
1 : Power supply > Toggle Voltage
5
BATTMON_EN
0
R/W
Battery monitor enable
0 : Battery monitor is disabled
1 : Battery monitor is enabled
4:0
BATTMON_VOLTAGE
[4:0]
0
R/W
Battery monitor toggle voltage. The toggle voltage is given by:
27
72
V
25
.
1
V
toggle
LTAGE
BATTMON_VO
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com