Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
Analog Integrated Circuit Device Data
21
Freescale Semiconductor
MC34708
General Description
6
General Description
6.1
Features
Power Generation
• Six Buck Switching Regulators
• Two Single/Dual Phase Buck Regulators
• Four Single Phase Buck Regulators
• PFM/Auto Pulse Skip/PWM Operation Mode
• Dynamic Voltage Scaling
•5 V Boost Regulator
• USB On-the-go Support
• Eight LDO Regulators
• Two with Selectable Internal or External Pass Devices
• Five with Embedded Pass Devices
• One with an External PNP Device
Analog to Digital Converter
• Seven General Purpose Channels
• Internal Dedicated Channels
• Resistive Touchscreen Interface
Auxiliary Circuits
• Mini/Micro USB Switch
• Bidirectional Audio/Data/UART
• Accessory Identification Circuit
• General Purpose I/Os
• PWM Outputs
• Two general purpose LED Drivers.
Clocking and Oscillators
• Real Time clock
• Time and day Counters
• Time of day Alarm
• 32.768 kHz Crystal Oscillator
• Coin Cell Battery Backup and Charger
Serial Interface
• SPI
•I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com