Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 159 page
background image
Analog Integrated Circuit Device Data
43
Freescale Semiconductor
MC34708
Functional Block Description
mode. It will require the software to wake up occasionally to allow the mini-USB to detect if a device is attached by de-asserting
the STANDBY pin and waking up for a period to see if a device is attached and then re-asserting Standby, if a device has not
been detected. If a device has been detected then the software can bring up the appropriate application etc.
Note the STANDBY pin is programmable for Active High or Active Low polarity, and that decoding of a Standby event will take
into account the programmed input polarity associated with each pin. For simplicity, Standby will generally be referred to as active
high throughout this document, but as defined in Table 29, active low operation can be accommodated. Finally, since STANDBY
pin activity is driven asynchronously to the system, a finite time is required for the internal logic to qualify and respond to the pin
level changes.
The state of the STANDBY pin only has influence in On mode, and are therefore it is ignored during start up and in the Watchdog
phase. This allows the system to power up without concern of the required Standby polarities since software can make
adjustments accordingly as soon as it is running.
A command to transition to one of the low power Off states (User Off or Memory Hold, initiated with USE-ROFFSPI=1) redefines
the power tree configuration based on SWxMODE programming, and has priority over Standby (which also influences the power
tree configuration).
7.5.3.8.2
Standby Delay
A provision to delay the Standby response is included. This allows the processor and peripherals, some time after a Standby
instruction has been received, to terminate processes to facilitate seamless Standby exiting and re-entrance into Normal
operating mode.
A programmable delay is provided to hold off the system response to a Standby event. When enabled (STBYDLY = 01, 10, or
11), STBYDLY will delay the STANDBY initiated response for the entire IC until the STBYDLY counter expires.
Note that this delay is applied only when going into Standby, and no delay is applied when coming out of Standby. Also, an
allowance should be accounted for synchronization of the asynchronous Standby event and the internal clocking edges (up to a
full 32 k cycle of additional delay).
Table 29. Standby Pin and Polarity Control
STANDBY (Pin)
STANDBYINV (SPI bit)
STANDBY Control(41)
0
0
0
0
1
1
1
0
1
1
1
0
Notes
41.
STANDBY = 0: System is not in Standby STANDBY = 1: System is in Standby
Table 30. Delay of STANDBY- Initiated Response
STBYDLY[1:0]
Function
00
No Delay
01
One 32 k period (default)
10
Two 32 k periods
11
Three 32 k periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com