Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
Analog Integrated Circuit Device Data
19
Freescale Semiconductor
MC34708
General Product Characteristics
5.3.3
Current Consumption
The current consumption of the individual blocks is described in detail throughout this specification. For convenience, a summary
table follows for standard use cases.
Table 10. Current Consumption Summary (25)
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Mode
Description
Typ
Max
Unit
Notes
RTC / Power
cut
All blocks disabled, no main battery attached, coin cell is attached to LICELL
(at 25 °C only)
• RTC Logic
• VCORE Module
•VSRTC
•32 k Oscillator
• Clk32KMCU buffer active(10 pF load)
4.0
8.0
A
OFF (good
battery)
All blocks disabled, main battery attached * Core and RTC module
•Digital Core
• RTC Logic
•VSRTC
•32 k Oscillator
• CLK32KMCU buffer active (10 pF load)
• Charger Detect
20
55
A
ON Standby
Low Power Mode (Standby pin asserted and ON_STBY_LP=1)
•Digital Core
• RTC Logic
• VCORE Module
•VSRTC
• CLK32KMCU/CLK32K active (10 pF load)
•32 k Oscillator
•IREF
• SW1, SW2, SW3, SW4A, SW4B, SW5 in PFM (24),(28)
• VDDREF, VPLL, VGEN1, VGEN2, VUSB2, VDAC
in low power mode (23),(26)
•Mini-USB
340
424
A
ON Standby
Digital Core
• RTC Logic
• VCORE module
•VSRTC
• CLK32KMCU/CLK32K active (10 pF load)
•32 k Oscillator
•Digital
•IREF
• SW1, SW2, SW3 SW4A, SW4B, SW5 in PFM (24),(28)
• VDDREF, VPLL, VGEN1, VGEN2, VUSB2, VDAC on
in low power mode (24),(26)
•Mini-USB
• PLL (for mini USB)
480
561
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com