Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
MC34708
Pin Connections
4.2
Pin Definitions
Table 3. MC34708 Pin Definitions
Pin Number
Pin Name
Pin
Function
Definition
Charger (Function no longer supported on MC34708)
A7, B7, C7,
D7
VBUSVIN
NC
Charger Not supported.
No Connect
B1, B2, C1,
C2
AUXVIN
NC
Charger Not supported.
No Connect
D1
VAUX
NC
Charger Not supported.
No Connect
A8, B8, C8,
D8
CHRGLX
NC
Charger Not supported.
No Connect
C5
CHRGFB
I
Connect to BATT pin
D2
GOTG
NC
Charger Not supported.
No Connect
D3
GAUX
NC
Charger Not supported.
No Connect
C6
BPSNS
I
BP sense point
A6
BP
I
1. Application supply point
2. Input supply to the IC core circuitry
3. Application supply voltage sense
B6
GBAT
O
Connect to GND
E8
ITRIC
NC
Charger Not supported.
No Connect
E7
BATTISNSP
I
Battery current sensing point.(Optional)
If required, connect a 20mW sense resistor between BATTISNSP and BATTISNSN
F7
BATTISNSN
I
Battery current sensing point (Optional)
If required, connect a 20mW sense resistor between BATTISNSP and BATTISNSN
A4
BATT
I
1. Battery positive terminal
2. Battery current sensing point 2
3. Battery supply voltage sense
F6
BATTISNSCCP
NC
Coulomb counter Not supported.
No Connect
E6
BATTISNSCCN
NC
Coulomb counter Not supported.
No Connect
A2
TRICKLESEL
NC
Charger Not supported.
No Connect
B3
PRETMR
NC
Charger Not supported.
No Connect
A5
CFP
NC
Coulomb Counter Not supported.
No Connect
B5
CFN
NC
Coulomb Counter Not supported.
No Connect
A10
LEDVDD
O
LED supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com