Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
80
MC34708
Functional Block Description
programmed by the value in ADSEL0-7 will be read. When the ADCONT bit is set high, it allows the ADC to continuously loop
and read the channels from address 0 to the stop address programmed in ADSTOP. By default, the ADCONT is set low
(disabled). In the continuous mode, the ADHOLD bit will allow the software to hold the ADC sequencer from updating the results
register while the ADC results are read. Once the sequence of A/D conversions is complete, the ADRESULTx results are stored
in 4 SPI registers (ADC 4 - ADC 7).
7.7.3
Dedicated Readings
7.7.3.1
Channel 0 Battery Voltage
The battery voltage is read at the BATTISNSN pin on channel 0. The battery voltage is first scaled as V(BATT)/2 to fit the input
range of the ADC.
7.7.3.2
Channel 1 Battery Current (Optional)
Battery current is only valid after a battery voltage reading. The current flowing into and out of the battery can be read via the
ADC by monitoring the voltage drop over the sense resistor between BATTISNSN and BATTISNSP.
The voltage difference between BATTISNSN and BATTISNSP is amplified to fit the ADC input range as V(BATTISNSP -
BATTISNSN)*15. Since battery current can flow in both directions, the conversion is read out in 2’s complement. Positive
readings correspond to the current flowing into the battery, and negative readings to the current flowing out of the battery.
The value of the sense resistor used determines the accuracy of the result, as well as the available conversion range. Note that
excessively high values can impact the operating life of the device due to extra voltage drop across the sense resistor.
If battery current sense is required, add a 20 m
 resistor between the BATTISNSN and BATTISNSP terminal, as shown in
Figure 19.
Table 70. Battery Voltage Reading Coding
Conversion Code
ADRESULTx[9:0]
Voltage at Input ADC in V Voltage at BATTISNSN in V
1 111 111 111
2.400
4.800
1 000 010 100
1.250
2.500
0 000 000 000
0.000
0.000
Table 71. Battery Current Reading Coding
Conversion
Code ADRESULTx [9:0]
Voltage at input
ADC in mV
BATTISNSN–BATTISNSP in mV
Current through
20 mOhm in mA
Current Flow
0 111 111 111
1200.00
80
4000
To battery
0 000 000 001
2.346
0.156
7.813
To battery
0 000 000 000
0
0
0
-
1 111 111 111
-2.346
-0.156
7.813
From battery
1 000 000 000
-1200.00
-80
4000
From battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com