Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 159 page
background image
Analog Integrated Circuit Device Data
89
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4
Mini/Micro USB Switch
The MC34708 is able to multiplex the 5 pins to support UART and high-speed USB2.0 data communications, a mono/stereo-
audio/microphone headset, or other accessories. To identify what accessory is plugged into the Mini or Micro-USB connector,
the MC34708 supports various detection mechanisms, including the VBUS detection and ID detection. A highly accurate 5-bit
ADC is offered to distinguish the 32 levels of ID resistance, and to identify the button pressed in a cord remote control, while an
Audio Type 1 cable is attached. After identifying the accessory attached, the MC34708 configures itself to support the accessory
and interrupts a host via the INT pin. The processor can evaluate what caused the interrupt via the SPI/I2C bus. The MC34708
is also able to identify some non-supported accessories, such as video cables, phone-powered devices, etc.
Figure 20. USB Interface
7.8.4.1
Supplies
The MC34708 provides the regulators required to power the PHY in the i.MX50, i.MX51, and i.MX53 processors, which are
VUSB2 (detailed Linear Regulators (LDOs)), and VUSB. The IC also provides the 5.0 V supply for USB OTG operation.
The VUSB regulator is used to supply 3.3 V to the external USB PHY. The input to the VUSB regulator can be supplied from the
VBUS wire of the cable when supplied by a host (PC or Hub), or by the SWBST voltage via the VINUSB pin. The VUSB regulator
is powered from the SWBST boost supply to ensure OTG current sourcing compliance through the normal discharge range of
the main battery. The VUSBSEL SPI bit is used to make the selection between a host or OTG mode operation.
ID
VBUS
VUSB
VUSB2
UART
USB
Audio
GND
ID
VBUS
VINUSB
VUSB
VINUSB2
VUSB2
DP
DM
TXD
RXD
D+
D-
SPKR
SPKRL
MIC
VBUS
M0
M1
MOTG
Switches
Switches
Switches
Regulator
Regulator
Detect
Detect
To/From
Application
Processor
To/From
Audio IC
To/From
Mini-USB
Connector
SWBST (5.0 V boosted supply)
3.3 V USB Analog supply
BP
2.5V USB Analog supply
To/from
Mini-USB
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com