Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 159 page
background image
Analog Integrated Circuit Device Data
97
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4.6
Control Functions
7.8.4.6.1
Timing of the Switching Action (WAIT BIT)
If the WAIT bit is '1' when the Attach interrupt bit is set, the MC34708 waits for a WAIT time before turning on the switches. The
WAIT time is programmed by the Switching Wait bits in the Timing Set 2 register. If the WAIT bit is '0' when the Attach interrupt
is generated, then the MC34708 will not turn on the switches until the WAIT bit is set to '1' by the SPI. Both cases are shown in
Figure 25.
Figure 25. Operating Waveforms of the Wait Bit
7.8.4.6.2
Automatic Switching OR Manual Switching (Switch_open & Manual S/W Bits)
When a supported accessory is identified, the default behavior of the MC34708 automatically turns on the corresponding signal
switches. The user can also choose to turn on optional signal switches manually. Switch turn on is controlled by the Manual
S/W bit and the Switch_Open bits in the USB Manual SW/Result and USB Control/Device mode registers respectively.
If the Switch_Open bit is '0', the audio, UART, and USB switches are off.
If Manual S/W = 1, which is its reset value, the switches to be turned on and the outputs of the JIG and BOOT pins are determined
automatically by the Device Mode register, which is the identification result. If Manual S/W = 0, the switches to be turned on are
determined by the values of the USB Manual SW/Result register. The relationship between the values of the USB Manual SW/
Result register and the switches to be turned on is found in SPI/I2C Register Map section.
The values of the Switch_Open and Manual S/W bits will not affect the identification flow and the timing of the signal switching
action of the MC34708. The difference between Manual S/W = 1 and Manual S/W = 0 is what switches are turned on. In both
cases, no switches are turned on in Standby mode. If the Manual S/W bit is changed from '1' to '0' while an accessory is attached,
the already automatically turned on switches will be turned off, and the switches selected manually will be turned on. However,
writing the Manual S/W bit back to '1' in Active mode will not change the switches and outputs status. Setting the
Switch_Open = 1, sets the switches according to the Manual S/W bit.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com