Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
84
MC34708
Functional Block Description
7.7.5
ADC Specifications
Table 77. ADC Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
ADC
ICONVER
Conversion Current
-
1.0
-
mA
VADCIN
Converter Core Input Range
• Single ended voltage readings
• Differential readings
0.0
-1.2
-
-
2.4
1.2
V
tCONVERT
Conversion Time per channel
-
-
10
s
Integral Non-linearity
-
-
3.0
LSB
Differential Non-linearity
-
-
1.0
LSB
Zero Scale Error (Offset)
-
-
5.0
LSB
Full Scale Error (Gain)
-
-
10
LSB
Drift over temperature
-
-
1.0
LSB
tON-OFF-ADC Turn on/off time
-
-
31
s
BATTERY CURRENT READING(62)
Amplifier Gain
19
20
21
Amplifier Offset
-2.0
-
2.0
mV
Sense Resistor
-
20
-
m
DIE TEMPERATURE VOLTAGE READING
Die Temperature Read Out Code at 25 °C
-
680
-
Decimal
Slope temperature change per LSB
-
0.426
-
°C/LSB
Slope error
-
-
5.0
%
Notes
62.
Amplifier Bias Current accounted for in overall ADC current drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com