Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
Analog Integrated Circuit Device Data
39
Freescale Semiconductor
MC34708
Functional Block Description
7.5.3.2
Silent Restart from PCUT Event
If a short duration power cut event occurs (such as from a battery bounce, for example), it may be desirable to perform a silent
restart, so the system is reinitialized without alerting the user. This can be facilitated by setting the PCUTEXPB bit to “1” at booting
or after a Cold Start. This bit resets on RTCPORB, therefore any subsequent Cold Start can first check the status of PCUTEXPB
and the PCI bit. The PCUTEXPB is cleared to “0” when transitioning from PCUT to Off. If there was a PCUT interrupt and
PCUTEXPB is still “1”, then the state machine has not transitioned through Off, which confirms that the PCT timer has not expired
during the PCUT event (i.e., a successful power cut). In this case, a silent restart may be appropriate.
If PCUTEXPB is found to be “0” after the Cold Start where PCI is found to be “1”, then it is inferred that the PCT timer has expired
before power was reestablished, flagging an unsuccessful power cut or first power up, so the startup user greeting may be
desirable for playback.
7.5.3.3
Silent System Restart with WDI Event
A mechanism is provided for recovery if the system software somehow gets into an abnormal state which requires a system reset,
but it is desired to make the reset a silent event so as to happen without end user awareness. The default response to WDI going
low is for the state machine to transition to the Off state (when WDIRESET = 0). However, if WDIRESET = 1, the state machine
will go to Cold Start without passing through Off mode (i.e., does not generate an OFFB signal).
A WDIRESET event will generate a maskable WDIRESETI interrupt and also increment the PCCOUNT counter. This function is
unrelated to PCUTs, but it shares the PCUT counter so that the number of silent system restarts can be limited by the
programmable PCMAXCNT counter.
When PCUT support is used, the software should set the PCUTEXPB bit to “1”. Since this bit resets with RTCPORB, it will not
be reset to “0” if a WDI falls and the state machine goes straight to the Cold Start state. Therefore, upon a restart, software can
discern a silent system restart if there is a WDIRESETI interrupt and PCUTEXPB = 1. The application may then determine that
an inconspicuous restart without fanfare may be more appropriate than launching into the welcoming routine.
A PCUT event does not trip the WDIRESETI bit.
Note that the system response to WDI is gated by the Watchdog timer—once the timer has expired, then the system will respond
as programmed by WDIRESET as described above.
7.5.3.4
Turn On Events
When in Off mode, the circuit can be powered on via a Turn On event. The Turn On events are listed by the following. To indicate
to the processor what event caused the system to power on, an interrupt bit is associated with each of the Turn On events.
Masking the interrupts related to the turn on events will not prevent the part to turn on except for the time of day alarm. If the part
was already on at the time of the turn on event, the interrupt is still generated.
• Power Button Press: PWRON1 or PWRON2 pulled low with corresponding interrupts and sense bits PWRON1I, or
PWRON2I and PWRON1S, or PWRON2S. A power on/off button is connected from PWRONx to ground. The PWRONx can
be hardware debounced through a programmable debouncer PWRONxDBNC [1:0] to avoid a response upon a very short (i.e.,
unintentional) key press. BP should be above UVDET to allow a power up. The PWRONxI interrupt is generated for both the
falling and the rising edge of the PWRONx pin. By default, a 30 ms interrupt debounce is applied to both falling and rising
edges. The falling edge debounce timing can be extended with PWRONxDBNC[1:0] as defined in the following table. The
PWRONxI interrupt is cleared by software or when cycling through the Off mode.
Table 23. PWRONx Hardware Debounce Bit Settings(37)
Bits
State
Turn On
Debounce (ms)
Falling Edge INT
Debounce (ms)
Rising Edge INT
Debounce (ms)
PWRONxDBNC[1:0]
00
0.0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
37.
The sense bit PWRONxS is not debounced and follows the state of the PWRONx pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com