Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
Analog Integrated Circuit Device Data
71
Freescale Semiconductor
MC34708
Functional Block Description
VUSB2LOPP Load Regulation
•1.0 mA < IL < ILMAX For any VINMIN < VIN < VINMAX
-
0.25
-
mV/mA
VUSB2LIPP Line Regulation
•VINMIN < VIN < VINMAX For any ILMIN < IL < ILMAX
-
8.0
-
mV
VUSB2SCTH Short-circuit Protection Threshold
Internal pass FET mode
•VINMIN < VIN < VINMAX Short-circuit VOUT to GND
ILMAX
+20%
-
-
mA
IUSB2Q
Active Mode Quiescent Current, VINMIN < VIN < VINMAX
•IL = 0, Internal PMOS configuration
•VINMIN < VIN < VINMAX IL = 0, External PNP configuration
-
-
25
30
-
-
µA
VUSB2 LOW POWER MODE - DC
VUSB2
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMINLP < IL < ILMAXLP
VNOM - 3%
VNOM
VNOM + 3%
V
IUSB2
Current Load Range ILMINLP to ILMAXLP
0.0
-
3.0
mA
IUSB2Q
Low Power Mode Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
8.0
10.5
µA
VUSB2 ACTIVE MODE - AC
VUSB2PSRR PSRR, IL = 75% of ILMAX 20 Hz to 20 kHz
•VIN = VINMIN + 100 mV
•VIN = VNOM + 1.0 V
35
50
40
60
-
-
dB
VUSB
2NOISE
Output Noise Density, VIN = VINMIN IL = 75% of ILMAX
• 100 Hz – 1.0 kHz
•> 1.0 kHz – 1.0 MHz
-
-
20
-
-
1.0
dB/dec
V/Hz
tON-VUSB2 Turn-on Time
• Enable to 90% of end value VIN = VINMIN, VINMAX IL = 0
-
-
1.0
ms
tOFF-VUSB2 Turn-off Time
• Disable to 10% of initial value VIN = VINMIN, VINMAX IL = 0
0.05
-
10
ms
VUSB2OS-
START
Start-up Overshoot
•VIN = VINMIN, VINMAX IL = 0
-
1.0
2.0
%
VUSB2LO
TRANSIENT
Transient Load Response, VIN = VINMIN, VINMAXx
• VUSB2=01, 10, 11
• VUSB2=00
-
-
1.0
50
2.0
70
%
mV
VUSB2LI
TRANSIENT
Transient Line Response
•IL = 75% of ILMAX
-
5.0
8.0
mV
tMOD-VUSB2 Mode Transition Time
• From low power to active and from active to low power
VIN = VINMIN, VINMAX IL = ILMAXLP
-
-
100
µs
VUSBMODE
RES
Mode Transition Response
• From low power to active and from active to low power
VIN = VINMIN, VINMAX IL = ILMAXLP
-
1.0
2.0
%
Table 60. VUSB2 Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com