Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 159 page
background image
Analog Integrated Circuit Device Data
25
Freescale Semiconductor
MC34708
Functional Block Description
7.2
Bias and References Block Description and Application
Information
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at REFCORE. The
bandgap and the rest of the core circuitry is supplied from VCORE. The performance of the regulators is directly dependent on
the performance of VCOREDIG and the bandgap. No external DC loading is allowed on VCOREDIG or REFCORE. VCOREDIG
is kept powered as long as there is a valid supply and/or coin cell. Table 14 shows the main characteristics of the core circuitry.
Table 13. Power Up Sequence i.MX50
Tap x 2.0 ms PUMS [4:1] = [0100, 1011, 1100, 1101, 1110, 1111] (i.MX50/I.MX53)
0
SW2
1
SW3
2
SW1A/B
3
VDAC
4
SW4A/B, VREFDDR
5
SW5
6
VGEN2, VUSB2
7
VPLL
8
VGEN1
9
VUSB (32)
Notes:
32.
The VUSB regulator is only enabled if 5.0 V is present on the VBUS pin. By
default VUSB will be supplied by the VBUS pin.
Table 14. Core Voltages Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
VCOREDIG (DIGITAL CORE SUPPLY)
VCOREDIG Output voltage
• ON mode and OFF with good battery mode, and charging
• RTC mode
-
-
1.5
0.0
-
-
V
(33)
CCOREDIG VCOREDIG bypass capacitor
-
1.0
-
F
VDDLP (DIGITAL CORE SUPPLY - LOWER POWER)
VDDLP
Output voltage
• ON mode with good battery
• OFF mode with good battery
• RTC mode
-
-
-
1.5
1.2
1.2
-
-
-
V
(34)
CDDLP
VDDLP bypass capacitor
-
100
-
pF
(35)
VCORE (ANALOG CORE SUPPLY)
VCORE
Output voltage
• ON mode and charging
• OFF and RTC mode
-
-
2.775
0.0
-
-
V
(33)
CCORE
VCORE bypass capacitor
-
1.0
-
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com