Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
Analog Integrated Circuit Device Data
33
Freescale Semiconductor
MC34708
Functional Block Description
WARMI
WARMM
Warm Start event
L2H
0
MEMHLDI
MEMHLDM
Memory Hold event
L2H
0
CLKI
CLKM
CLKS
32 kHz clock source change
Sense is 1 if source is XTAL
Dual
0
RTCRSTI
RTCRSTM
-
RTC reset has occurred
L2H
0
THERM110
THERM110M
THERM110S
Thermal 110C threshold
Sense is 1 if above threshold
Dual
Programmable
DIE_TEMP_DB
THERM120
THERM120M
THERM120S
Thermal 120C threshold
Sense is 1 if above threshold
Dual
Programmable
DIE_TEMP_DB
THERM125
THERM125M
THERM125S
Thermal 125C threshold
Sense is 1 if above threshold
Dual
Programmable
DIE_TEMP_DB
THERM130
THERM130M
THERM130S
Thermal 130C threshold
Sense is 1 if above threshold
Dual
Programmable
DIE_TEMP_DB
GPIOLVxI
GPIOLVxM
GPIOLVxS
General Purpose input interrupt
Programmable Programmable
Notes
36.
Debounce timing for the falling edge can be extended with PWRONxDBNC[1:0]; refer to Turn On Events for details.
Table 21. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger
Debounce
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com