Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
20
MC34708
General Product Characteristics
ON
Typical use case
•Digital Core
• RTC Logic
• VCORE Module
• VSRTC CLK32KMCU/CLK32K active (10 pf)
•32 k Oscillator
•IREF
• SW1, SW2, SW3 SW4A, SW4B, SW5 in Apskip SWBST (24),(27),(28)
• VDDREF, VPLL, VGEN1, VGEN2, VUSB2, VDAC on
in low power mode (23),(26)
•Digital
•PLL
•Mini-USB
1600
3000
A
Notes
23.
Equivalent to approx. 30 mW min, 60 mW max
24.
Current in RTC Mode is from LICELL=2.5 V; in all other modes from BP = 3.6 V.
25.
External loads are not included (1)
26.
VUSB2, VGEN2 external pass PNPs
27.
SWBST in auto mode
28.
SW4A output 2.5 V
Table 10. Current Consumption Summary (25)
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com