Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
30
MC34708
Functional Block Description
The available correction range should be sufficient to ensure drift accuracy in compliance with standards for DRM time keeping.
Note that the 32.768 kHz oscillator is not affected by RTCCAL settings; calibration is only applied to the RTC time base counter.
Therefore, the frequency at the clock output CLK32K is not affected.
The RTC system calibration is enabled by programming the RTCCALMODE[1:0] for desired behavior by operational mode.
The RTC Calibration circuitry can be automatically disabled when main battery contact is lost or if it is so deeply discharged that
RTC power draw is switched to the coin cell (configured with RTCCALMODE=01).
Because of the low RTC consumption, RTC accuracy can be maintained through long periods of the application being shut down,
even after the main battery has discharged. However, it is noted that the calibration can only be as good as the RTCCAL data
that has been provided, so occasional refreshing is recommended to ensure that any drift influencing environmental factors have
not skewed the clock beyond desired tolerances.
7.3.3
Coin Cell Battery Backup
The LICELL pin provides a connection for a coin cell backup battery or supercap. If the main battery is deeply discharged,
removed, or contact-bounced (i.e., during a power cut), the RTC system and coin cell maintained logic will switch over to the
LICELL for backup power. This switch over occurs for a BP below 1.8 V threshold with LICELL greater than BP. A small capacitor
should be placed from LICELL to ground under all circumstances.
Upon initial insertion of the coin cell, it is not immediately connected to the on chip circuitry. The cell gets connected when the IC
powers on, or after enabling the coin cell charger when the IC was already on.
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic typically
used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit. The coin cell voltage is
programmable through the VCOIN[2:0] bits. The coin cell charger voltage is programmable in the ON state where the charge
current is fixed at ICOINHI.
If COINCHEN=1 when the system goes into Off or User Off state, the coin cell charger will continue to charge to the predefined
voltage setting but at a lower maximum current ICOINLO. This compensates for self discharge of the coin cell and ensures that
if/when the main cell gets depleted, that the coin cell will be topped off for maximum RTC retention. The coin cell charging will
be stopped for the BP below UVDET. The bit COINCHEN itself is only cleared when an RTCPORB occurs.
Table 17. RTC Calibration Settings
Code in RTCCAL[4:0]
Correction in Counts per 32768 Relative correction in ppm
01111
+15
+458
00011
+3
+92
00001
+1
+31
00000
0
0
11111
-1
-31
11101
-3
-92
10001
-15
-458
10000
-16
-488
Table 18. RTC Calibration Enabling
RTCCALMODE
Function
00
RTC Calibration disabled (default)
01
RTC Calibration enabled in all modes except coin cell only
10
Reserved for future use. Do not use.
11
RTC Calibration enabled in all modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com