Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
48
MC34708
Functional Block Description
The peak current is sensed internally for over-current protection purposes. If an over-current condition is detected the regulator
will limit the current through cycle by cycle operation and alert the system through the SW1FAULT SPI bit and issue an SCPI
interrupt via the INT pin.
SW1A/B output voltage is SPI configurable in step sizes of 12.5 mV as shown in the table below. The SPI bits SW1A[5:0] set the
output voltage for both the SW1A and SW1B.
Table 37. SW1A/B Output Voltage Programmability
Set Point SW1A[5:0]
SW1A/B
Output (V)
Set Point SW1A[5:0]
SW1A/B
Output (V)
0
000000
0.6500
32
100000
1.0500
1
000001
0.6625
33
100001
1.0625
2
000010
0.6750
34
100010
1.0750
3
000011
0.6875
35
100011
1.0875
4
000100
0.7000
36
100100
1.1000
5
000101
0.7125
37
100101
1.1125
6
000110
0.7250
38
100110
1.1250
7
000111
0.7375
39
100111
1.1375
8
001000
0.7500
40
101000
1.1500
9
001001
0.7625
41
101001
1.1625
10
001010
0.7750
42
101010
1.1750
11
001011
0.7875
43
101011
1.1875
12
001100
0.8000
44
101100
1.2000
13
001101
0.8125
45
101101
1.2125
14
001110
0.8250
46
101110
1.2250
15
001111
0.8375
47
101111
1.2375
16
010000
0.8500
48
110000
1.2500
17
010001
0.8625
49
110001
1.2625
18
010010
0.8750
50
110010
1.2750
19
010011
0.8875
51
110011
1.2875
20
010100
0.9000
52
110100
1.3000
21
010101
0.9125
53
110101
1.3125
22
010110
0.9250
54
110110
1.3250
23
010111
0.9375
55
110111
1.3375
24
011000
0.9500
56
111000
1.3500
25
011001
0.9625
57
111001
1.3625
26
011010
0.9750
58
111010
1.3750
27
011011
0.9875
59
111011
1.3875
28
011100
1.0000
60
111100
1.4000
29
011101
1.0125
61
111101
1.4125
30
011110
1.0250
62
111110
1.4250
31
011111
1.0375
63
111111
1.4375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com