Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 159 page
background image
Analog Integrated Circuit Device Data
45
Freescale Semiconductor
MC34708
Functional Block Description
In addition to controlling the operating mode in Standby, the voltage setting can be changed. The transition in voltage is handled
in a controlled slope manner, see Dynamic Voltage Scaling for details. Each regulator has an associated set of SPI bits for
Standby mode set points. By default, the Standby settings are identical to the non-standby settings which are initially defined by
PUMSx programming.
The actual operating mode of the Switching regulators as a function of the STANDBY pin is not reflected through the SPI. In other
words, the SPI will read back what is programmed in SWxMODE[3:0], not the actual state that may be altered as described
previously.
Two tables follow for mode control in the low power Off states. Note that a low power Off activated SWx should use the Standby
set point as programmed by SWxSTBY[4:0]. The activated regulator(s) will maintain settings for mode and voltage until the next
startup event. When the respective time slot of the startup sequencer is reached for a given regulator, its mode and voltage
settings will be updated the same as if starting out of the Off state (except that switching regulators active through a low power
Off mode will not be off when the startup sequencer is started).
0010
PWMPS
Off
0011
PFM
Off
0100
APS
Off
0101
PWM
PWM
0110
PWM
APS
0111
Off
Off
1000
APS
APS
1001
PWM
PWMPS
1010
PWMPS
PWMPS
1011
PWMPS
APS
1100
APS
PFM
1101
PWM
PFM
1110
PWMPS
PFM
1111
PFM
PFM
Table 33. Switching regulator Control In Memory Hold
SWxMHMODE
Memory Hold Operational Mode (42)
0
Off
1
PFM
Notes:
42.
For Memory Hold mode, an activated SWx should use the
Standby set point as programmed by SWxSTBY[4:0].
Table 34. Switching regulator Control In User Off
SWxUOMODE
User Off Operational Mode (43)
0
Off
1
PFM
Notes:
43.
For User Off mode, an activated SWx should use the Standby
set point as programmed by SWxSTBY[4:0].
Table 32. Switching regulator Mode Control for Normal and Standby Operation
SWxMODE[3:0]
Normal Mode
Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com