Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
74
MC34708
Functional Block Description
is the ON Semiconductor NSS12100XV6T1G which is capable of handling up to 250 mW of continuous dissipation at minimum
footprint and 75 °C of ambient. For use cases where up to 500 mW of dissipation is required, the recommended PNP device is
the ON Semiconductor NSS12100UW3TCG. For stability, a small minimum ESR may be required.
A short-circuit condition will shut down the VGEN1 and VGEN2 regulators, and generate an interrupt for SCPI.
The nominal output voltage of VGEN1 is SPI configurable, and can be 1.2 V, 1.25 V, 1.3 V, 1.35 V, 1.4 V, 1.45 V, 1.5 V, or
1.55 V.
The nominal output voltage of VGEN2 is SPI configurable, and can be 2.5 V, 2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.15 V, or 3.3 V.
The output current when working with the internal pass FET is 50 mA, and could be up to 250 mA when working with an external
PNP.
Table 63. VGEN1 Control Register Bit Assignments
Parameter
Value
Output Voltage
ILoad max
VGEN1[2:0]
000
1.2000
250 mA
001
1.2500
250 mA
010
1.3000
250 mA
011
1.3500
250 mA
100
1.4000
250 mA
101
1.4500
250 mA
110
1.5000
250 mA
111
1.5500
250 mA
Table 64. VGEN2 Control Register Bit Assignments
Parameter
Value
Output
Voltage
ILoad max
VGEN2CONFIG=0
Internal Pass FET
VGEN2CONFIG=1
External PNP
VGEN2[2:0]
000
2.50
50 mA
250 mA
001
2.70
50 mA
250 mA
010
2.80
50 mA
250 mA
011
2.90
50 mA
250 mA
100
3.00
50 mA
250 mA
101
3.10
50 mA
250 mA
110
3.15
50 mA
250 mA
111
3.30
50 mA
250 mA
Table 65. VGEN1 Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VGEN1IN
Operating Input Voltage Range VINMIN to VINMAX
• All settings
1.75
1.8
1.85
V
IGEN1
• Operating Current Load Range ILMIN to ILMAX
0.0
-
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com