Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
34
MC34708
Functional Block Description
7.5
Power Generation
The MC34708 PMIC provides reference and supply voltages for the application processor as well as peripheral device.
Five buck (step down) converters and one boost (step up) converters are included. One of the buck regulators can be configured
in multiphase, single phase mode, or operate as separate independent outputs (in this case, there are 6 buck converters). The
buck converters provide the supply to processor cores and to other low voltage circuits such as IO and memory. Dynamic voltage
scaling is provided to allow controlled supply rail adjustments for the processor cores and/or other circuitry. The boost converter
provides power for the VBUS in the OTG mode, as well as the USB PHY on the processor. The VUSB regulator is powered from
the boost to ensure sufficient headroom for the LDO through the normal discharge range of the main battery.
Linear regulators are directly supplied from the battery or from the switching regulator, and include supplies for IO and
peripherals, such as audio, camera, Bluetooth, Wireless LAN, etc. Naming conventions are suggestive of typical or possible use
case applications, but the switching and linear regulators may be utilized for other system power requirements within the
guidelines of specified capabilities. Four general purpose I/Os are available, which can be configured as inputs/outputs. As inputs
they can be configured as interrupts.
7.5.1
Power Tree
Refer to the representative tables and text specifying each supply for information on performance metrics and operating ranges.
Table 22 summarizes the available power supplies.
Table 22. Power Tree Summary
Supply
Purpose (typical application)
Output Voltage (in V)
Load Capability (in mA)
SW1
Buck regulator for processor VDDGP domain
0.650 - 1.4375
2000
SW2
Buck regulator for processor VCC domain
0.650 - 1.4375
1000
SW3
Buck regulator for processor VDD domain and peripherals
0.650 - 1.425
500
SW4A
Buck regulator for DDR memory and peripherals
1.200 – 1.85: 2.5/3.15
500
SW4B
Buck regulator for DDR memory and peripherals
1.200 – 1.85: 2.5/3.15
500
SW5
Buck regulator for I/O domain
1.200 – 1.85
1000
SWBST
Boost regulator for USB OTG
5.00/5.05/5.10/5.15
380
VSRTC
Secure Real Time Clock supply
1.2
0.05
VPLL
Quiet Analog supply
1.2/1.25/1.5/1.8
50
VREFDDR
DDR Ref supply
0.6-0.9
10
VDAC
TV DAC supply, external PNP
2.5/2.6/2.7/2.775
250
VUSB2
VUSB/peripherals supply, internal PMOS
2.5/2.6/2.75/3.0
65
VUSB/peripherals external PNP
2.5/2.6/2.75/3.0
350
VGEN1
General peripherals supply #1
1.2/1.25/1.3/1.35/1.4/1.45/1.5/1.55
250
VGEN2
General peripherals supply #2, internal PMOS
2.5/2.7/2.8/2.9/3.0/3.1/3.15/3.3
50
General peripherals supply #2, external PNP
2.5/2.7/2.8/2.9/3.0/3.1/3.15/3.3
250
VUSB
USB Transceiver supply
3.3
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com