Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
12
MC34708
Pin Connections
F1
MISO
O
Primary SPI read output
D4
SDWNB
O
Indication of imminent system shutdown
F2
GNDSPI
GND
Ground for SPI interface
USB
H3
UID
I/O
USB OTG transceiver cable ID
L3
GNDUSB
GND
USB Ground
K1
DP
I/O
USB Data +
J1
DM
I/O
USB Data –
L1
DPLUS
I/O
Processor D+
M1
DMINUS
I/O
Processor D-
G4
RXD
O
UART Receive
G5
TXD
I/O
UART Transmit
H7
MIC
O
Mic output
J2
SPKR
I
Speaker right
K2
SPKL
I
Speaker left
H1
VBUS
I/O
USB transceiver cable interface VBUS & OTG supply output
H2
VUSB
O
USB transceiver regulator output
G3
VINUSB
I
Input option for UVUSB; tie to SWBST at top level.
A to D Converter
K7
ADIN9
I
ADC generic input channel 9
K6
ADIN10
I
ADC generic input channel 10,
L6
ADIN11
I
ADC generic input channel 11
K4
TSX1/ADIN12
I
Touch Screen Interface X1 or ADC generic input channel 12
L5
TSX2/ADIN13
I
Touch Screen Interface X2 or ADC generic input channel 13
J7
TSY1/ADIN14
I
Touch Screen Interface Y1 or ADC generic input channel 14
J6
TSY2/ADIN15
I
Touch Screen Interface Y2 or ADC generic input channel 15
P1
TSREF
O
Touch Screen Reference
N2, N3, N4,
P3, P4
GNDADC
GND
Ground for A to D circuitry
Thermal Grounds
H5
SUBSREF
GND
Substrate ground connection for reference circuitry
E9, E7, F9,
L7, G9, H6,
H8, H9, J8,
J9, K8, K9
SUBSPWR1
GND
Substrate ground connection for power devices SW1, SW4, SW5
K15
SUBSLDO
GND
Substrate ground connection for all LDOs
N13
SUBSANA1
GND
Substrate ground connection for analog circuitry of SW1, SW4, SW5
B15
SUBSANA2
GND
Substrate ground connection for analog circuitry of SW2, SW3, SWBST
C3
SUBSANA3
GND
Substrate ground connection for analog circuitry of charger
Table 3. MC34708 Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com