Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
28
MC34708
Functional Block Description
Figure 5. SRTC Block Diagram
7.3.2.1
VSRTC
The VSRTC regulator provides the CLK32KMCU output level. Additionally, it is used to bias the Low Power SRTC domain of the
SRTC module integrated on certain FSL processors. The VSRTC regulator is enabled as soon as the RTCPORB is detected.
The VSRTC cannot be disabled.
Depending on the configuration of the PUMS[4:0] pins, the VSRTC voltage will be set to 1.3 or 1.2 V. With PUMS[4:0] = (0110,
0111, 1000, or 1001) VSRTC will be set to 1.3 V in on mode (on, on standby and on standby low power modes). In off and coin
cell modes the VSRTC voltage will drop to 1.2 V with the PUMS[4:0] = (0110, 0111, 1000, or 1001). With PUMS[4:0] ≠ (0110,
0111, 1000, or 1001), VSRTC will be set to 1.2 V for all modes (on, on standby, on standby low power mode, off, and coincell).
Table 16. VSRTC Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VSRTCIN
Operating Input Voltage Range VINMIN to VINMAX
• Valid Coin Cell range
•Valid BP
1.8
1.8
-
-
3.6
4.5
V
ISRTC
Operating Current Load Range ILMIN to ILMAX
0.0
-
50
A
COSRTC
Bypass Capacitor Value
-
0.1
-
F
VSRTC - ACTIVE MODE - DC
VSRTC
Output Voltage VOUT
•VINMIN < VIN < VINMAX
•ILMIN < IL < ILMAX
• Off and coincell mode
1.15
1.20
1.28
V
+
+
-
-
34708
VCOREDIG
PWRONx
SPIVCC=1.8 V
GP Domain=1.1 V
LP Dominant=1.2 V
VSRTC=1.2 V
CKIL: VSRTC
0.1
F
Coin Cell
Battery
Main
Battery
CLK32KMCU
VSRTC &
Detect
On
Detect
Best of
Supply
On/Off
Button
VCOREDIG
32 kHz
Open Drain output for RTC wake-up
Processor
I/O
Core Supply
SOG Supply
SRTC
HP-RC
LP-RTC
32 kHz for
DSM timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com