Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
Analog Integrated Circuit Device Data
49
Freescale Semiconductor
MC34708
Functional Block Description
Table 38. SW1A/B Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SW1A/B BUCK REGULATOR
VSW1IN
Operating Input Voltage
• PWM operation, 0 < IL < IMAX
• PFM operation, 0 < IL < ILMAX
3.0
2.8
-
-
4.5
4.5
V
VSW1ACC
Output Voltage Accuracy
• PWM mode including ripple, load regulation, and transients
• PFM Mode, including ripple, load regulation, and transients
Nom-25
Nom-25
Nom
Nom
Nom+25
Nom+25
mV
(44)
ISW1
Continuous Output Load Current, VINMIN < BP < 4.5 V
• PWM mode single/dual phase (parallel)
• SW1 in PFM mode
-
-
-
50
2000
-
mA
ISW1PEAK
Current Limiter Peak Current Detection
•VIN = 3.6 V, Current through Inductor
-
4.0
-
A
ISW1
TRANSIENT
Transient Load Change
• 100 mA/µs
-
-
1.0
A
VSW1OS-
START
Start-up Overshoot, IL = 0
-
25
mV
tON-SW1
Turn-on Time
• Enable to 90% of end value IL = 0
-
-
500
µs
fSW1
Switching Frequency
• PLLX = 0
• PLLX = 1
-
-
2.0
4.0
-
-
MHz
ISW1Q
Quiescent Current Consumption
• PWMPS or APS MODE, IL=0 mA
• PFM MODE, IL=0 mA
-
-
240
15
-
-
µA
SW1
Efficiency,
•PFM, 0.9 V, 1.0 mA
• PWM Pulse skipping, 1.1 V, 200 mA
• PWM Pulse skipping, 1.1 V, 800 mA
•PWM, 1.1 V, 1600 mA
-
-
-
-
54
75
81
76
-
-
-
-
%
(45)
Notes:
44.
Transient loading for load steps of ILMAX/2.
45.
Efficiency numbers at VIN = 3.6 V, excludes the quiescent current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com