Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
44
MC34708
Functional Block Description
7.5.4
Buck Switching Regulators
Six buck switching regulators are provided with integrated power switches and synchronous rectification. In a typical application,
SW1 and SW2 are used for supplying the application processor core power domains. Split power domains allow independent
DVS control for processor power optimization, or to support technologies with a mix of device types with different voltage ratings.
SW3 is used for powering internal processor memory as well as low voltage peripheral devices and interfaces which can run at
the same voltage level. SW4A/B is used for powering external DDR memory as well as low voltage peripheral devices and
interfaces, which can run at the same voltage level. SW5 is used to supply the I/O domain for the system.
The buck regulators are supplied from the system supply BP, which is drawn from the main battery or the battery charger (when
present).
The switching regulators can operate in different modes depending on the load conditions. These modes can be set through the
SPI and include a PFM mode, PWM Pulse Skip, an Automatic Pulse Skipping mode, and a PWM mode. The previous selection
is optimized to maximum battery life based on load conditions.
Buck modes of operation are programmable for explicitly defined or load-dependent control.
When initially activated, regulators outputs will apply controlled stepping to the programmed value. The soft start feature limits
the inrush current at startup. During soft start, the regulator will be forced to PWM mode for 3.0 ms and then default to the APS
mode A built in current limiter ensures that during normal operation the maximum current through the coil is not exceeded.
Point of Load feedback is intended for minimizing errors due to board level IR drops.
7.5.4.1
General Control
Operational modes of the Buck regulators can be controlled by direct SPI programming, altered by the state of the STANDBY
pin, by direct state machine influence (i.e., entering Off or low power Off states, for example), or by load current magnitude when
so configured (Auto Pulse skip mode). Available modes include PWM with No Pulse Skipping (PWM), PWM with Pulse Skipping
(PWMPS), Pulse Frequency Mode (PFM), Automatic Pulse Skip (APS), and Off. The transition between the two modes PWMPS
and PWM can occur automatically, based on the load current (auto pulse skip mode). For light loading, the regulators should be
put into PFM mode to optimize efficiency.
SW1A/B, SW2, SW3, SW4A/B, and SW5, can be configured for mode switching with STANDBY or autonomously, based on load
current Auto pulse skip mode. Additionally, provisions are made for maintaining PFM operation in User off and Memhold modes,
to support state retention for faster startup from the Low Power Off modes for Warm Start or Warm Boot. SWxMODE[3:0] bits
will be reset to their default values defined by PUMSx settings by the startup sequencer.
Table 32 summarizes the Buck regulators programmability for Normal and Standby modes.
Table 31. Buck Operating Modes
Mode
Description
OFF
The regulator is switched off and the output voltage is discharged
PFM
The regulator is switched on and set to PFM mode operation. In this mode, the regulator
is always running in PFM mode. Useful at light loads for optimized efficiency.
PWMPS
The regulator is alternating between pulse skipping and PWM modes, depending on the
load conditions.
APS
The regulator is switched on and set to Automatic Pulse Skipping. In this mode the
regulator moves automatically between pulse skipping and full PWM mode depending
on load conditions.
PWM
The regulator is switched on and set to PWM mode. In this mode the regulator is always
in full PWM mode operation regardless of load conditions.
Table 32. Switching regulator Mode Control for Normal and Standby Operation
SWxMODE[3:0]
Normal Mode
Standby Mode
0000
Off
Off
0001
PWM
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com