Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
16
MC34708
General Product Characteristics
5.2.1
Power Dissipation
During operation, the temperature of the die should not exceed the maximum junction temperature. To optimize the thermal
management scheme and avoid overheating, the MC34708 PMIC provides a thermal management system. The thermal
protection is based on a circuit with a voltage output proportional to the absolute temperature.This voltage can be read out via
the ADC for specific temperature readouts, see Channel 3 Die Temperature.
The ADEN SPI bit must be set = 1 to enable the comparators for the thermal monitoring (THERM110, THERM120, THERM125,
THERM130, and thermal shutdown). With ADEN = 0 the thermal monitors and thermal shutdown are disabled. Interrupts
THERM110, THERM120, THERM125, and THERM130 will be generated when respectively crossing in either direction the
thresholds specified in Table 6. The temperature range can be determined by reading the THERMxxxS bits.
Thermal protection is integrated to power off the MC34708 PMIC and disables the charger circuitry in case of over dissipation.
This thermal protection will act above the maximum junction temperature to avoid any unwanted power downs. The protection is
debounced for 8.0 ms in order to suppress any (thermal) noise. This protection should be considered as a fail-safe mechanism
and therefore the application design should be dimensioned such that this protection is not tripped under normal conditions. The
temperature thresholds and the sense bit assignment are listed in Table 6
.
The THERM1xx thresholds are debounced by the SPI bits DIE_TEMP_DB[1:0], which are programmable from 100
s to 4.0 ms
(4.0 ms by default), see Table 7. When the die temperature crosses these thresholds, the corresponding sense bit will change
and an interrupt will be generated to notify the software that the hardware is reaching its thermal limit.
Table 6. Thermal Protection Thresholds
Parameter
Min
Typ
Max
Units
Notes
Thermal 110 °C threshold (THERM110)
105
110
115
°C
Thermal 120 °C threshold (THERM120)
115
120
125
°C
Thermal 125 °C threshold (THERM125)
120
125
130
°C
Thermal 130 °C threshold (THERM130)
125
130
135
°C
Thermal warning hysteresis
2.0
-
4.0
°C
(12)
Thermal protection threshold
130
140
150
°C
Notes
12.
Equivalent to approx. 30 mW min, 60 mW max
Table 7. Die Temp Debounce Settings
DIE_TEMP_DB [1:0]
Time
Units
00
0.100
ms
01
1.0
ms
10
2.5
ms
11 (default)
4.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com