Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 159 page
background image
Analog Integrated Circuit Device Data
85
Freescale Semiconductor
MC34708
Functional Block Description
7.8
Auxiliary Circuits
7.8.1
General Purpose I/Os
The MC34708 contains four configurable GPIO input/outputs for general purpose use. When configured as outputs, they can be
configured as open-drain (OD) or CMOS (push-pull outputs). These GPIOs are low voltage capable (1.2 or 1.8 V). In open drain
configuration these outputs can only be pulled up to 2.5 V maximum.
Each individual GPIO has a dedicated 16-bit control register. Table 78 provides detailed bit descriptions.
Table 78. GPIOLVx Control
SPI Bit
Description
DIR
GPIOLVx direction
0: Input (default)
1: Output
DIN
Input state of the GPIOLVx pin
0: Input low
1: Input High
DOUT
Output state of GPIOLVx pin
0: Output Low
1: Output High
HYS
Hysteresis
0: CMOS in
1: Hysteresis (default)
DBNC[1:0]
GPIOLVx input debounce time
00: no debounce (default)
01: 10 ms debounce
10: 20 ms debounce
11: 30 mS debounce
INT[1:0]
GPIOLVx interrupt control
00: None (default)
01: Falling edge
10: Rising edge
11: Both edges
PKE
Pad keep enable
0: Off (default)
1: On
ODE
Open drain enable
0: CMOS (default)
1: OD
DSE
Drive strength enable
0: 4.0 mA (default)
1: 8.0 mA
PUE
Pull-up/down enable
0: pull-up/down off
1: pull-up/down on (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com