Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
64
MC34708
Functional Block Description
SWBST can be controlled by SPI programming in PFM, PWM, and Auto mode. Auto mode transitions between PFM and PWM
mode based on the load current. By default SWBST is powered up in Auto mode.
Table 52. SWBST Mode Control
Parameter
Voltage
SWBST Mode
SWBSTMODE[1:0]
SWBSTSTBYMODE[1:0]
00
Off
01
PFM
10
Auto (default)
11
PWM
Table 53. SWBST Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SWITCH MODE SUPPLY SWBST
VSWBST
Average Output Voltage
•3.0 V < VIN < 4.5 V, 0 < IL < ILMAX
Nom-4%
VNOM
Nom+3%
V
(55)
VSWBSTACC Output Ripple
•3.0 V < VIN < 4.5 V 0 < IL < ILMAX, excluding reverse recovery of
Schottky diode
-
-
120 mV
Vp-p
SWBSTACC Average Load Regulation
•VIN = 3.6 V, 0 < IL < ILMAX
-
0.5
-
mV/mA
VSWBST
LINEAREG
Average Line Regulation
•3.0 V < VIN < 4.5 V IL = ILMAX
-
50
-
mV
ISWBST
Continuous Load Current
•3.0 V < VIN < 4.5 V, VOUT = 5.0 V
-
380
-
mA
ISWBSTPEAK Peak Current Limit
• At SWBSTIN, VIN = 3.6 V
-
1800
-
mA
VSWBSTOS-
START
Start-up Overshoot, IL = 0 mA
-
-
500
mV
tON-SWBST Turn-on Time
• Enable to 90% of VOUT IL = 0
-
-
2.0
ms
fSWBST
Switching Frequency
-
2.0
-
MHz
VSWBST
TRANSIENT
Transient Load Response, IL from 1.0 to 100 mA in 1.0 µs
• Maximum transient Amplitude
-
-
300
mV
VSWBST
TRANSIENT
Transient Load Response, IL from 100 to 1.0 mA in 1.0 µs
• Maximum transient Amplitude
-
-
300
mV
VSWBST
TRANSIENT
Transient Load Response, IL from 1.0 to 100 mA in 1.0 µs
• Time to settle 80% of transient
-
-
500
µs
VSWBST
TRANSIENT
Transient Load Response, IL from 100 to 1.0 mA in 1.0 µs
• Time to settle 80% of transient
-
-
20
ms
SWBST
Efficiency, IL = ILMAX
65
80
-
%
ISWBSTBIAS Bias Current Consumption
• PFM or Auto mode
-
35
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com