Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
10
MC34708
Pin Connections
F11
GNDREF2
GND
Ground reference for switching regulators
R3
SW4AIN
I
SW4A input
R2
SW4ALX
O
SW4A switch node connection
P6
SW4AFB
I
SW4A feedback
P2
GNDSW4A
GND
Ground for SW4A
R4
SW4BIN
I
SW4B input
R5
SW4BLX
O
SW4B switch node connection
P5
SW4BFB
I
SW4B feedback
R6
GNDSW4B
GND
Ground for SW4B
M6
SW4CFG
I
SW4A/B mode configuration
N7, P7, R7
SW5IN
I
SW5 input
N8, P8, R8
SW5LX
O
SW5 output
M7
SW5FB
I
SW5 feedback
N9, P9, R9
GNDSW5
GND
Ground for SW5
L8
GNDREF1
GND
Ground reference for Switching Regulators
F12, F13
SWBSTIN
I
Boost Regulator BP supply
J14, J15
SWBSTLX
O
SWBST switch node connection
H12
SWBSTFB
I
Boost Regulator feedback
G12, G13
GNDSWBST
GND
Ground for boost Regulator
LDO Regulators
L11
VINREFDDR
I
VREFDDR input supply
P15
VREFDDR
O
VREFDDR regulator output
K10
VHALF
O
Half supply reference for VREFDDR
J11
VINPLL
I
VPLL input supply
J12
VPLL
O
VPLL regulator output
J10
VDACDRV
O
Drive output for VDAC regulator using external PNP device
K12
VDAC
O
VDAC regulator output
L14
LDOVDD
I
Supply pin for VUSB2, VDAC, and VGEN2
M14
VUSB2DRV
I
1. VUSB2 input using internal PMOS FET
O
2. Drive output for VUSB2 regulator using external PNP device
L13
VUSB2
O
VUSB2 regulator output
N14
VINGEN1
I
VGEN1 input supply
M13
VGEN1
O
VGEN1 regulator output
N15
VGEN2DRV
I
1. VGEN2 input using internal PMOS FET
O
2. Drive output for VINT regulator using external PNP device
K11
VGEN2
O
VGEN2 regulator output
J13
VSRTC
O
Output regulator for SRTC module on processor
Table 3. MC34708 Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com