Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
98
MC34708
Functional Block Description
Raw Data (Raw Data Bit)
The RAW DATA bit functions only when the accessory is Audio Type 1, which supports the remote control key. The RAW DATA
bit determines whether to report the ID pin resistance change to the baseband when any key is pressed. When RAW DATA = 1,
the ADC is enabled only when an ID line event is detected, such as when a key is pressed. In this case, the interrupt bits KP,
LKP, or LKR, and the corresponding button bits in Button 1 and Button 2 registers, will be set accordingly. Detailed behavior
information when RAW DATA = 1 can be found in Audio Type 1 Operation Mode.
Audio Device Type 1 - Audio with or without the Remote Control. When RAW DATA = 0, the ADC is enabled periodically to
calculate the ID line resistance. Any change of ADC Result will set the ADC_Change interrupt bit to inform the baseband. The
baseband can read the ADC result via the SPI. The KP, LKP, or LKR, and the button bits, will not set when RAW DATA = 0. The
period of ADC conversion is determined by the Device Wake-up bits in the USB Timing register. All other behaviors of Audio
Type 1 and other accessories will not be affected by the RAW DATA bit. LKR and the button bits will not set when RAW DATA = 0.
The period of ADC conversion is determined by the Device Wake-up bits in the Timing Set 1 register. All other behaviors of Audio
Type 1 and other accessories will not be affected by the RAW DATA bit.
7.8.4.7
Analog and Digital Switches
The signal switches in the MC34708 are shown in Figure 26. These switches are controlled by the identification result when the
Manual S/W = 1, and by the Manual SW/Result register, when the Manual S/W = 0 is in Active mode. The Switch_Open bit
overrides the switch configuration. When the Switch_Open bit is 0, all switches are turned off. The switches for the SPK_L and
SPK_R are capable of passing signals of
1.5 V, referencing to the GND pin voltage. The SPK_L and SPK_R pins are pulled
down to GND via a 100 k
 resistor respectively, as shown in Figure 26. When the switches are configured automatically by the
identification result, the configuration of the switches vs. the device type is shown in Table 93.
When detachment of an accessory is detected, the MC34708 will return to Standby mode. In Standby mode, regardless of the
Manual S/W = 1 or Manual S/W = 0 state, all signal switches and are off in the Standby mode. The OUT-to-ground FET is turned
on whenever the FET_ON bit is '0'.
Figure 26. Analog and Digital Switches
SPK_R
SPK_L
MIC
DP
DM
VBUS
RxD
TxD
D+
D-
SW2
SW1
SW3
SW4
SW6
SW7
SW5
VUSB
LDO
M0
VINUSB
MOTG
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com