Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
Analog Integrated Circuit Device Data
101
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4.9
JiG Cable USB and UART
The JIG cable is used for test and development and has an ID resistance to differentiate it from a regular USB cable. The Jig
cable has 2 ID resistance values to resemble a USB JIG type1/2, and 2 ID resistance values to resemble a UART JIG type1/2
cable.
7.8.4.9.1
USB JIG Cable 1 or 2
Under normal operation, setting the control bits when the identified accessory is a USB JIG 1 or 2 cable, both the DPLUS to DP,
the DMINUS to DM switches are switched on.
When SW_HOLD = 0, the switching action of DPLUS to DP, and the DMINUS to DM switches are controlled by the WAIT bit. If
WAIT = 1, the signal switches will be turned ON after a WAIT. If WAIT = 0, the signal switches won't be turned on until the WAIT
bit is set to '1' by the SPI/I2C. When SW_HOLD = 1, regardless of what the WAIT is set to, '0' or '1', the signal switches are turned
on, once the USB JIG cable is identified.
The ID detector and the VBUS detector both monitor the detachment of the USB JIG cable. The ID detection circuit continues to
be ON for detachment detection in the Active mode. When the ID_FLOAT is set, the Detach bit in the Interrupt Status 0 register
is set to inform the host. When the USBDETS is set to '0', which means either the VBUS power is removed or the cable is
detached, the Detach bit is also set to inform the host. The mini USB interface moves to the Standby mode. If the Detach bit is
set, due to the removing only the VBUS or the ID resistance, and the cable is not detached completely, the identification flow will
be triggered again. The ID_FLOAT bit or USBDETS bit still indicate that an accessory is connected when the mini USB interface
moves to the Standby mode. All the signal switches are turned off
7.8.4.9.2
UART JIG Cable 1 or 2
Under normal operation, setting the control bits when the identified accessory is a UART JIG cable 1 or 2, both the RxD to DP
and the TxD to DM switches are switched on.
When SW_HOLD = 0, the switching action of RxD to DP, and the TxD to DM switches, are controlled by the WAIT bit. If WAIT = 1,
the signal switches will be turned on after a WAIT time. If WAIT = 0, the signal switches won't be turned on until the WAIT bit is
set to '1' by the SPI/I2C. When SW_HOLD = 1, regardless of what the WAIT is set to, '0' or '1', the signal switches are turned on,
once the UART JIG cable is identified.
The ID detection comparator continues to be ON for detachment detection in the Active mode. When the ID_FLOAT is set, the
Detach bit in the Interrupt Status 0 register is set to inform the host that the accessory is detached. The mini USB interface then
enters the Standby mode.
7.8.4.10 TTY Operation Mode
A TTY converter is a type of audio accessory. It has its own ID resistance. When a TTY converter is attached, this sets the TTY
bit in the USB Device Type register and the Attach interrupt bit in the Interrupt Status 0 register. During normal operation, when
setting the control bits, the automatic switch configuration of the TTY converter, is similar to that of an Audio Type 1 accessory.
The SPK_R to DP switch, and MIC to VBUS switch are turned on, but the SPK_L to DM switch can only be turned on when
TTY_SKPL bit in USB Control register is manually set to 1. In addition, the MOTG, and M0 switches are turned off to isolate the
VBUS pin.The TTY accessory doesn’t support the remote control key. The Power Save mode operation and the detachment
detection are the same as those of the Audio Type 1 device.
7.8.4.11 UART Operation Mode
During normal operation, when setting the control bits, when the identified accessory is a UART cable, both the RxD and the TxD
switches are switched on (see Figure 30).
The ID detection comparator continues to be ON for detachment detection in the Active mode. When the ID_FLOAT is set, the
Detach bit in the USB interrupt Sense register, is set to inform the host that the accessory is detached. The MC34708 USB
detection then enters Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com