Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34708 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
104
MC34708
Functional Block Description
The remote control architecture is illustrated in Figure 32. The recommended resistors for the remote control resistor network are
given in Table 96.
Figure 32. Remote Control Architecture
5
00101
4.820
S4
6
00110
6.03
S5
7
00111
8.03
S6
8
01000
10.03
S7
9
01001
12.03
S8
10
01010
14.46
S9
11
01011
17.26
S10
12
01100
20.5
S11
13
01101
24.07
S12
14
01110
28.7
UART JIG Cable 2
15
01111
34.0
UART JIG Cable 1
16
10000
40.2
USB JIG Cable 2
17
10001
49.9
USB JIG Cable 1
18
10010
64.9
Factory Mode
19
10011
80.6
Audio Type 2
20
10100
102
PPD
21
10101
121
Reserved
22
10110
150
UART
23
10111
200
5W Type 1
24
11000
255
Reserved
25
11001
301
Reserved
26
11010
365
A/V
27
11011
442
5W Type 2
28
11100
523
Reserved
29
11101
619
TTY
30
11110
1000
Audio Type 1
31
11111
-
ID float
Table 95. ID Resistance Assignment
Item#
ADC Result
ID Resistance K
Assignment
 
…...
R1
R2
R3
R13
R14
HOLD
GND
SEND/END
/
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com