Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 49Page - STMicroelectronics STPMC1 Datasheet HTML 50Page - STMicroelectronics STPMC1 Datasheet HTML 51Page - STMicroelectronics STPMC1 Datasheet HTML 52Page - STMicroelectronics STPMC1 Datasheet HTML 53Page - STMicroelectronics STPMC1 Datasheet HTML 54Page - STMicroelectronics STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics STPMC1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
53/77
Example 17: Parity calculation
Let us calculate parity of DMR, the first register of second group:
DMR:
02
80
00
C8
prty = grp = 1
/* prty set to 1 - group #*/
prty ^= *bp = 3
/* xor it with 1st byte of data 02 */
prty ^= *(bp+1) = 83
/* xor it with the 2nd byte 80 */
prty ^= *(bp+2) = 83
/* and with the 3rd byte 00 */
prty ^= *(bp+3) = 4B
/* and last, with the 4th byte C8 */
prty ^= prty<<4 = FB
/* and with B0 */
prty &= 0xF0 = F0
/* parity is ok */
9.18
Status bits map
The STPMC1 includes 12 status bits for 3-phase cumulative, and 3 8-bit status byte, one per
each phase. All of them provide information about the current meter status.
Table 31.
3-phase status bits description
Bit
Name
0
1
0
BIL
No-load condition not detected in any phase
No-load condition detected in all phases
1
BCF
ΣΔ signals alive in all phases
ΣΔ signal stuck in at least one phase
2
BFF
BFR = 0 in all phases
BFR = 1 in at least one phase
3
SIGN
Three-phase active energy is negative
Three-phase active energy is positive
4
PHR
Phase 0
≤ uR < π
Phase
π ≤ uR < 2π
5
PHS
Phase 0
≤ uS < π
Phase
π ≤ uS < 2π
6
PHT
Phase 0
≤ uT < π
Phase
π ≤ uT < 2π
7
HLT
Data records reading is valid
Data records are not valid.
A reset occurred and a restart is in progress.
8
PIN
The output pins are consistent with the data
The output pins are different from the data,
this means some output pin is forced to 1 or 0.
9
BCS
Sum of all phase currents is below threshold
Sum of all currents above threshold
10
BSF
Phase sequence is R -> S -> T
Phase sequence is not R -> S -> T
11
BIF
Phase energies have equal sign
Phase energies do not have equal sign



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com