Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 68Page - STMicroelectronics STPMC1 Datasheet HTML 69Page - STMicroelectronics STPMC1 Datasheet HTML 70Page - STMicroelectronics STPMC1 Datasheet HTML 71Page - STMicroelectronics STPMC1 Datasheet HTML 72Page - STMicroelectronics STPMC1 Datasheet HTML 73Page - STMicroelectronics STPMC1 Datasheet HTML 74Page - STMicroelectronics STPMC1 Datasheet HTML 75Page - STMicroelectronics STPMC1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Energy calculation algorithm
STPMC1
72/77
Doc ID 15728 Rev 6
The DSP performs also an integration of powers (P, Q) into energies:
Equation 54
AW = URMS IRMS cos ϕ kP kUD
Equation 55
AW = URMS IRMS sin ϕ kP kUD
These integrators are implemented as up/down counters and they can roll over.
20-bit output buses of the counters are assigned as the most significant part of the energy
data records. It is a responsibility of the application to read the counters at least every
second so as not to miss any rollover. The integration of power can be suspended due to
detected error on the source signals or due to no load condition. From AW, stepper output
signals are generated.
10.5
Fundamental power calculation
The fact that integration suppresses all but fundamental components of signals is used to
compute the fundamental active power, which is in case of Rogowski coil:
Equation 56
F1 = vuic viiic = - ABkINT cos (ω t) cos (ω t + ϕ) = - ABkINT [cos ϕ + cos (2 ω t + ϕ)] / 2
Equation 57
F2 = viic vuiic = - ABkINT sin (ω t) sin (ω t + ϕ) = ABkINT [cos ϕ - cos (2 ω t + ϕ)] / 2
Equation 58
F = (F2 - F1) / 2 = (AB cos ϕ) kINT / 2 = (UkDIkLcos ϕ) kINT / 2 = URMS IRMS cos ϕ kP
Similar result are found in case of non Rogowski sensor:
Equation 59
F1 = vdic vsiic = - AC sin (ω t) sin (ω t + ϕ) = - AC [cos ϕ - cos (2 ω t + ϕ)] / 2
Equation 60
F2 = vsic vdiic = - ACkDIFkINT cos (ω t) cos (ω t + ϕ) = - AC [cos ϕ + cos (2 ω t + ϕ)] / 2
Equation 61
F = (F2 - F1) / 2 = - AC cos (2 ω t + ϕ) = UkDIks cos (2 ω t + ϕ) / 2 = URMS IRMS cos (2 ω t +
ϕ) kP
The fundamental reactive power in case of a Rogowski coil is:
Equation 62
Q = vuiic viiic ω / kINT = - ABkINT cos (ω t) sin (ω t + ϕ) = ABkINT [sin ϕ - sin (2 ω t + ϕ)] / 2
Similar results are found in cases of non Rogowski sensors:
Equation 63
Q = vdiic vsiic ω / kINT = - AC cos (ω t) sin (ω t + ϕ) = AC [sin ϕ - sin (2 ω t + ϕ)] / 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com