Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics STPMC1 Datasheet HTML 16Page - STMicroelectronics STPMC1 Datasheet HTML 17Page - STMicroelectronics STPMC1 Datasheet HTML 18Page - STMicroelectronics STPMC1 Datasheet HTML 19Page - STMicroelectronics STPMC1 Datasheet HTML 20Page - STMicroelectronics STPMC1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
STPMC1
Typical performance characteristics
Doc ID 15728 Rev 6
17/77
8
Typical performance characteristics
Figure 5.
Supply current vs. supply voltage, TA = 25°C (fXTAL1 = 4.194 MHz, fXTAL1 = 8.192 MHz)
4
4,5
5
5,5
6
6,5
7
7,5
8
3
3,5
4
4,5
5
5,5
6
V
CC (V)
I
CC 25°C
I
CC -40°C
I
CC 85°C
4
4,5
5
5,5
6
6,5
7
7,5
8
3
3,5
4
4,5
5
5,5
6
V
CC (V)
I
CC 25°C
I
CC -40°C
I
CC 85°C
Figure 6.
Digital voltage regulator: line - load regulation. (fXTAL1 = 0; 100 nF across VCC and VSS;
1 µF across VDD and VSSA; TA = 25 °C)
-0,5
0
0,5
1
1,5
2
2,5
01
23
4
5
6
V
CC (V)
-0,5
0
0,5
1
1,5
2
2,5
01
23
4
5
6
V
CC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com