Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics STPMC1 Datasheet HTML 37Page - STMicroelectronics STPMC1 Datasheet HTML 38Page - STMicroelectronics STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
Theory of operation
STPMC1
36/77
Doc ID 15728 Rev 6
From signal PΣ (3-ph active energy), stepper motor driving signals MA and MB (see
Figure 12) are generated by means of internal divider, mono-flop and decoder and brought
to MOP and MON pins.
The numbers of pulses per kWh on MOP and MON outputs (CM) is related to the number of
pulses on LED pin (C, see par.
9.11) following the table below.
The mono-flop limits the length of the pulses according to the LVS bit value.
The decoder distributes the pulses to
MA and MB alternatively, which means that each of
them has only a half of selected frequency.
When a no-load condition is detected (
BIL=1) MOP and MON are held low because
integration of power is suspended.
The LED pin provides 3-phase active energy pulses according to the table below:
Figure 12.
Stepper driving signals
MON
Hi
Hi
Low
Low
MOP
MON
Hi
Hi
Low
Low
MOP
Table 20.
Configuration of MOP and MON driving signals with APL = 1, 2, 3
LVS (1 bit)
KMOT (2 bits)
Pulses Length
Freq. CM
0
0
31.25 ms
C/64
1
C/128
2C/32
3
C/256
1
0
156.25 ms
C/640
1
C/1280
2
C/320
3
C/2560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com