Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 58Page - STMicroelectronics STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics STPMC1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Theory of operation
STPMC1
62/77
Doc ID 15728 Rev 6
9.21.2
Reading data records
Data record reading takes place most often when there is an on-board microcontroller in an
application. This microcontroller is capable of reading all measurement results and all
system signals (configuration, calibration, status, mode). Again, the time step can be as
short as 30 ns. There are two phases of reading, called latching and shifting.
Latching is used to sample results into transmission latches. The transmission latches are
the flip-flops that hold the data in the SPI interface. This is done with the active pulse on
SYN when SCS is idle. The length of pulse on SYN must be longer than 2 periods of
measurement clock, i.e. more than 500 ns at 4 MHz.
The shifting starts when SCS become active. In the beginning of this phase another, but
much shorter, pulse (30 ns) on SYN should be applied in order to ensure that an internal
transmission serial clock counter is reset to zero. An alternative way is to extend the pulse
on SYN into the second phase of reading. After that reset is done, a 32 serial clocks per
data record should be applied. Up to 8 data records can be read this way. This procedure
can be aborted at any time by deactivation of SCS.
The timing diagram of the reading operation is shown in timing for data records reading. One
can see the latching and beginning of shifting phase of the first byte of the first data record
and end of reading.
t1 −> t2: Latching Phase. Interval value > 2/fCLK
t2 −> t3: Data latched, SPI idle. Interval value > 30 ns.
t3 −> t4: Enable SPI for read operation. Interval value > 30 ns.
t4 −> t5: Serial clock counter is reset. Interval value > 30 ns.
t5 −> t6: SPI reset and enabled for read operation. Interval value > 30 ns
t7: Internal data transferred to SDATD
t8: SDATD data is stable and can be read
Figure 22.
Timing for data records reading
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)
t
1
t
2
t
3t4
t
5
t
6
t
7
t
8
SCLNLC
SDATD
SYN
SCS
1st byte
last bit of 32nd byte
f(read)
t
1
t
2
t
3t4
t
5
t
6
t
7
t
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com