Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMC1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 39Page - STMicroelectronics STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
43/77
Example 15: Phase compensation for PM = 0, TCS = 1
Phase shift current for -
ϕ
phc:
CPC[1] = 0
Kphc = - (32 CpC[1:0] + 16 CPC[0] + CPX[3:0])
Phase shift current for
ϕ
phc:
CPC[1] = 1
Kphc = 64 - (32 CpC[0] + 16 CPC[0] + CPX[3:0])
Table 27.
Phase compensation for PM = 0, TCS = 1, fline = 50 Hz
CLK
HSA
fphc
φ
phc
Δφphc
4.194 MHz
0
524 kHz
+2.198°, -4.361°
0.034°
4.915 MHz
614 kHz
+1.876°, -3.721°
0.029°
8.192 MHz
1.024 MHz
+1.125°, -2.232°
0.018°
9.830 MHz
1.229 MHz
+0.937°, -1.860°
0.015°
4.194 MHz
1
1.049 MHz
+1.098°, -2.180°
0.017°
4.915 MHz
1.229 MHz
+0.937°, -1.860°
0.015°
8.192 MHz
2.048 MHz
+0.562°, -1.116°
0.009°
9.830 MHz
2.458 MHz
+0.469°, -0.930°
0.007°
1
2
4
8
16
CPX[0]
CPX[1]
CPX[2]
CPX[3]
CPC[0]
i
u
32
64
CpC[1]
CpC[0]
1
2
4
8
64
CPX[0]
CPX[1]
CPX[2]
CPX[3]
i
u
16
CPC[0]
32
CpC[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com